Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS-45 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PS-45 Datasheet

  • # Example questions: ➢ What safety standards does this power supply meet?
    ➢ What is the typical efficiency of the 12v output model at full load?
    ➢ What is the maximum output current for the 5v output model?

  • Part No.PS-45
    ManufacturerASTRODYNE
    Size1Mb
    Pages8 pages
    Description45W Single Output Switching Power Supply
    Datasheet Summary with AI

    1. Product Series:

    ️· PS Series: This is the name of the power supply family.

    2. Key Features (General to the series):

    ️· Input Voltage: Wide range, 90-264VAC or 127-370VDC
    ️· Frequency: 47-440 Hz
    ️· Isolation Voltage: I/P-O/P: 3kVAC, I/P-FG: 1.5kVAC, O/P-FG: 0.5kVAC
    ️· Isolation Resistance: 100 MΩ / 500VDC
    ️· Safety Standards: UL60950, TUV EN60950-1 (and likely other standards depending on target markets)
    ️· EMC Compliance: EN55022 (CISPR22) Class B, EN61000-3-2, EN61000-3-3, EN55024
    ️· Ripple & Noise: 80mVp-p to 100mVp-p (depending on output voltage)
    ️· Voltage Tolerance: 1.0% to 3.0% (depending on output voltage)
    ️· Transient Response: 3.14~3.63V, 4.75~5.5V, 7.13~8.25V, 11.4~13.2V, 12.8~14.85V, 14.25~16.5V, 22.8~26.4V, 25.65~29.7V, 45.6~52.8V, 55.2~64.8V

    3. Individual Models (Partial Listing - likely more models exist):

    The datasheet details individual models in the "PS" series. These are identified by a specific model number which dictates the output voltage and power rating. Below is a selection of these models, with key specifications.

    Model Number Output Voltage Output Current (A) Output Power (W)
    PS-xxx (examples) 3.3V 10.7 26.4
    PS-xxx 5V 10.5 40
    PS-xxx 7.5V 7 40.5
    PS-xxx 12V 4.4 44.4
    PS-xxx 15V 3.9 44.6
    PS-xxx 24V 3.5 45
    PS-xxx 48V 1.1 45.6

    4. Physical Characteristics:

    ️· Dimensions: 127mm x 25.4mm x 28mm (L x W x H)
    ️· Weight: 0.19 Kg
    ️· Packaging: 72 units per carton, 15.6 kg per carton, 1.35 kg per carton

    5. Environmental Conditions:

    ️· Operating Temperature: -10°C to +60°C (Note: Derating may be required above a certain temperature – refer to datasheet).
    ️· Storage Temperature: Not explicitly stated in this snippet, but likely within a reasonable range.
    ️· Humidity: 20% to 90% RH (non-condensing)

    6. Other Important Notes:

    ️· Derating: Power output may need to be reduced at higher temperatures.
    ️· Transient Response: This information indicates how quickly the output voltage recovers after a sudden change in load.
    ️· Efficiency: No efficiency data is provided.
    ️· Hold-up Time: Not explicitly mentioned.

    1. Product Series:

    ️· PS Series: This is the name of the power supply family.

    2. Key Features (General to the series):

    ️· Input Voltage: Wide range, 90-264VAC or 127-370VDC
    ️· Frequency: 47-440 Hz
    ️· Isolation Voltage: I/P-O/P: 3kVAC, I/P-FG: 1.5kVAC, O/P-FG: 0.5kVAC
    ️· Isolation Resistance: 100 MΩ / 500VDC
    ️· Safety Standards: UL60950, TUV EN60950-1 (and likely other standards depending on target markets)
    ️· EMC Compliance: EN55022 (CISPR22) Class B, EN61000-3-2, EN61000-3-3, EN55024
    ️· Ripple & Noise: 80mVp-p to 100mVp-p (depending on output voltage)
    ️· Voltage Tolerance: 1.0% to 3.0% (depending on output voltage)
    ️· Transient Response: 3.14~3.63V, 4.75~5.5V, 7.13~8.25V, 11.4~13.2V, 12.8~14.85V, 14.25~16.5V, 22.8~26.4V, 25.65~29.7V, 45.6~52.8V, 55.2~64.8V

    3. Individual Models (Partial Listing - likely more models exist):

    The datasheet details individual models in the "PS" series. These are identified by a specific model number which dictates the output voltage and power rating. Below is a selection of these models, with key specifications.

    Model Number Output Voltage Output Current (A) Output Power (W)
    PS-xxx (examples) 3.3V 10.7 26.4
    PS-xxx 5V 10.5 40
    PS-xxx 7.5V 7 40.5
    PS-xxx 12V 4.4 44.4
    PS-xxx 15V 3.9 44.6
    PS-xxx 24V 3.5 45
    PS-xxx 48V 1.1 45.6

    4. Physical Characteristics:

    ️· Dimensions: 127mm x 25.4mm x 28mm (L x W x H)
    ️· Weight: 0.19 Kg
    ️· Packaging: 72 units per carton, 15.6 kg per carton, 1.35 kg per carton

    5. Environmental Conditions:

    ️· Operating Temperature: -10°C to +60°C (Note: Derating may be required above a certain temperature – refer to datasheet).
    ️· Storage Temperature: Not explicitly stated in this snippet, but likely within a reasonable range.
    ️· Humidity: 20% to 90% RH (non-condensing)

    6. Other Important Notes:

    ️· Derating: Power output may need to be reduced at higher temperatures.
    ️· Transient Response: This information indicates how quickly the output voltage recovers after a sudden change in load.
    ️· Efficiency: No efficiency data is provided.
    ️· Hold-up Time: Not explicitly mentioned.

    Part No.PS-45
    ManufacturerASTRODYNE
    Size1Mb
    Pages8 pages
    Description45W Single Output Switching Power Supply