Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1G-LTP Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about GS1G-LTP Datasheet

  • # Example questions: ➢ What is the maximum average forward current (if(av)) that the gs1a-l through gs1m-l diodes can handle at a lead temperature of 110°c?
    ➢ What is the typical junction capacitance (cj) of these diodes, and under what conditions is it measured?
    ➢ What is the packing quantity for the tape & reel (tp) option, and how would you specify a halogen-free version of a part number?

  • Part No.GS1G-LTP
    ManufacturerMCC
    Size255 Kbytes
    Pages4 pages
    Description1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
    Datasheet Summary with AI

    1. Product Identification:

    ️· Product Series: GS1A-L through GS1M-L
    ️· Type: Rectifier Diode
    ️· Manufacturer: Micro Commercial Components

    2. Electrical Characteristics (Key Values):

    Parameter Value
    Average Forward Current (IF(AV)) 1.0A
    Peak Forward Surge Current (IFSM) 30A (at 8.3ms, half sine pulse)
    Maximum Instantaneous Forward Voltage (VF) 1.0V (at IF = 1.0A, TJ = 25°C)
    Maximum Reverse Current (IR) 10µA (at TJ= 25°C) ; 50µA (at TJ=125°C)
    Typical Junction Capacitance (CJ) 15pF (at 1.0MHz, VR=4.0V)

    3. Voltage/Current Ratings (Table):

    Voltage (DC Blocking) Average Forward Current
    GS1A-L 50V 1.0A
    GS1K-L 800V 1.0A
    GS1M-L 1000V 1.0A

    4. Physical Dimensions (Key Dimensions - Inches/mm):

    ️· The text lists several dimensions (A, B, C, D, E, F, G, H, J) with both inches and mm values. (Refer to the original text for the complete list).

    5. Ordering Information

    ️· Part Number -TP: Tape & Reel packaging, 7,500 pcs/reel
    ️· "-HF" suffix indicates halogen-free version.

    6. Important Notes & Disclaimers:

    ️· High Temperature Solder Exemptions: The product complies with EU Directive Annex 7 regarding high-temperature solder exemptions.
    ️· Test Conditions: VF is measured at TJ = 25°C.
    ️· Pulse Test: IFSM is measured using a 300µs pulse width and a 2% duty cycle.



    In essence, the document describes a range of rectifier diodes, specifying their electrical characteristics, physical dimensions and packaging options. It also clarifies some critical test conditions and provides a note about halogen-free availability.

    1. Product Identification:

    ️· Product Series: GS1A-L through GS1M-L
    ️· Type: Rectifier Diode
    ️· Manufacturer: Micro Commercial Components

    2. Electrical Characteristics (Key Values):

    Parameter Value
    Average Forward Current (IF(AV)) 1.0A
    Peak Forward Surge Current (IFSM) 30A (at 8.3ms, half sine pulse)
    Maximum Instantaneous Forward Voltage (VF) 1.0V (at IF = 1.0A, TJ = 25°C)
    Maximum Reverse Current (IR) 10µA (at TJ= 25°C) ; 50µA (at TJ=125°C)
    Typical Junction Capacitance (CJ) 15pF (at 1.0MHz, VR=4.0V)

    3. Voltage/Current Ratings (Table):

    Voltage (DC Blocking) Average Forward Current
    GS1A-L 50V 1.0A
    GS1K-L 800V 1.0A
    GS1M-L 1000V 1.0A

    4. Physical Dimensions (Key Dimensions - Inches/mm):

    ️· The text lists several dimensions (A, B, C, D, E, F, G, H, J) with both inches and mm values. (Refer to the original text for the complete list).

    5. Ordering Information

    ️· Part Number -TP: Tape & Reel packaging, 7,500 pcs/reel
    ️· "-HF" suffix indicates halogen-free version.

    6. Important Notes & Disclaimers:

    ️· High Temperature Solder Exemptions: The product complies with EU Directive Annex 7 regarding high-temperature solder exemptions.
    ️· Test Conditions: VF is measured at TJ = 25°C.
    ️· Pulse Test: IFSM is measured using a 300µs pulse width and a 2% duty cycle.



    In essence, the document describes a range of rectifier diodes, specifying their electrical characteristics, physical dimensions and packaging options. It also clarifies some critical test conditions and provides a note about halogen-free availability.

    Part No.GS1G-LTP
    ManufacturerMCC
    Size255 Kbytes
    Pages4 pages
    Description1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts