Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74V1G03S Datasheet with Chat AI
Part No.74V1G03S
ManufacturerSTMICROELECTRONICS
Size49 Kbytes
Pages7 pages
DescriptionSINGLE 2-INPUT OPEN DRAIN NAND GATE
Datasheet Summary with AI

The 74V1G03 is a single 2-input open drain NAND gate with high-speed CMOS technology.
It has a high-speed of tPD=3.7ns at VCC=5V and low power dissipation with ICC=1µA at TA=25oC.
The device provides high noise immunity and stable output, and can be used in wired AND configuration or as a LED driver.
It has power down protection on inputs and can accept 0 to 7V on inputs regardless of the supply voltage.
The operating voltage range is VCC(OPR)=2V to 5.5V and it has improved latch-up immunity.
The device has recommended operating conditions and electrical characteristics, as well as absolute maximum ratings and test circuit information.
It is manufactured by STMicroelectronics and is suitable for various applications.

Datasheet Summary with AI

The 74V1G03 is a single 2-input open drain NAND gate with high-speed CMOS technology.
It has a high-speed of tPD=3.7ns at VCC=5V and low power dissipation with ICC=1µA at TA=25oC.
The device provides high noise immunity and stable output, and can be used in wired AND configuration or as a LED driver.
It has power down protection on inputs and can accept 0 to 7V on inputs regardless of the supply voltage.
The operating voltage range is VCC(OPR)=2V to 5.5V and it has improved latch-up immunity.
The device has recommended operating conditions and electrical characteristics, as well as absolute maximum ratings and test circuit information.
It is manufactured by STMicroelectronics and is suitable for various applications.

Part No.74V1G03S
ManufacturerSTMICROELECTRONICS
Size49 Kbytes
Pages7 pages
DescriptionSINGLE 2-INPUT OPEN DRAIN NAND GATE