Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP233ACP Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SP233ACP Datasheet

  • # Example questions: ➢ What is a key advantage of the sipex charge pump design compared to older designs?
    ➢ What happens to the receiver outputs when a logic '0' is applied to the shutdown/enable line of the sp310a or sp312a?
    ➢ What protection features are built into these devices to handle situations where the receiver inputs receive signals *before* power is applied to the receiver circuitry?

  • Part No.SP233ACP
    ManufacturerSIPEX
    Size206 Kbytes
    Pages12 pages
    DescriptionEnhanced RS-232 Line Drivers/Receivers
    Datasheet Summary with AI

    Okay, here's a breakdown of the information contained in the provided text, summarizing the key features and benefits of the Sipex RS-232 transceiver chips (SP232A, SP233ACP, SP233ACT, SP310A, and SP312A).

    Core Functionality:

    ️· RS-232 Transceivers: These chips convert between RS-232 signals (used for serial communication) and TTL logic levels (used within digital circuits). They are designed to handle data transmission and reception.
    ️· Multiple Models: The document details several variations, each with slight differences in features and control (specifically, the SP310A and SP312A include shutdown/enable functionality).

    Key Features & Benefits:

    ️· Enhanced Performance: The chips are described as "enhanced" regarding slew rates and monotonicity, meaning they are designed to meet the demanding requirements of the RS-232 standard (EIA RS-232-F).
    ️· Input Protection: Robust input protection against voltages up to ±25V and signal interference. They also have internal pulldown resistors for reliable operation even with unconnected inputs.
    ️· Charge Pump: An innovative, patented charge pump design (Sipex 5,306,954) is used to generate the necessary positive and negative voltage rails for the RS-232 signaling.
    - Four-Phase Operation: The charge pump uses a four-phase voltage shifting technique for symmetrical power supplies and improved efficiency.
    - Low Capacitor Requirements: Can operate effectively with relatively small external capacitors (down to 0.1µF).
    ️· Shutdown/Enable Mode (SP310A & SP312A): These models include a shutdown mode to conserve power in battery-powered applications. Applying a logic "0" to the control pin disables the charge pump and reduces power consumption.
    ️· Receiver Robustness: Receivers have input thresholds of 0.8V min and 2.4V max and hysteresis margin of 500mV.
    ️· Protected against power-on signals: The chip is designed to not be affected by a signal being applied before power is on.

    Models and Variations:

    ️· SP232A: (Not detailed extensively but is part of the series)
    ️· SP233ACP & SP233ACT: These are specific models with detailed typical circuit examples provided.
    ️· SP310A & SP312A: These models have a shutdown/enable feature for power conservation.

    In essence, these Sipex chips are designed to provide reliable, high-performance RS-232 communication while minimizing power consumption (in some models) and protecting against various signal and power conditions.

    Let me know if you'd like me to elaborate on any specific aspect of the document.

    Core Functionality:

    ️· RS-232 Transceivers: These chips convert between RS-232 signals (used for serial communication) and TTL logic levels (used within digital circuits). They are designed to handle data transmission and reception.
    ️· Multiple Models: The document details several variations, each with slight differences in features and control (specifically, the SP310A and SP312A include shutdown/enable functionality).

    Key Features & Benefits:

    ️· Enhanced Performance: The chips are described as "enhanced" regarding slew rates and monotonicity, meaning they are designed to meet the demanding requirements of the RS-232 standard (EIA RS-232-F).
    ️· Input Protection: Robust input protection against voltages up to ±25V and signal interference. They also have internal pulldown resistors for reliable operation even with unconnected inputs.
    ️· Charge Pump: An innovative, patented charge pump design (Sipex 5,306,954) is used to generate the necessary positive and negative voltage rails for the RS-232 signaling.
    - Four-Phase Operation: The charge pump uses a four-phase voltage shifting technique for symmetrical power supplies and improved efficiency.
    - Low Capacitor Requirements: Can operate effectively with relatively small external capacitors (down to 0.1µF).
    ️· Shutdown/Enable Mode (SP310A & SP312A): These models include a shutdown mode to conserve power in battery-powered applications. Applying a logic "0" to the control pin disables the charge pump and reduces power consumption.
    ️· Receiver Robustness: Receivers have input thresholds of 0.8V min and 2.4V max and hysteresis margin of 500mV.
    ️· Protected against power-on signals: The chip is designed to not be affected by a signal being applied before power is on.

    Models and Variations:

    ️· SP232A: (Not detailed extensively but is part of the series)
    ️· SP233ACP & SP233ACT: These are specific models with detailed typical circuit examples provided.
    ️· SP310A & SP312A: These models have a shutdown/enable feature for power conservation.

    Part No.SP233ACP
    ManufacturerSIPEX
    Size206 Kbytes
    Pages12 pages
    DescriptionEnhanced RS-232 Line Drivers/Receivers