Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCS25AXTR Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about VCS25AXTR Datasheet

  • # Example questions: ➢ How does the 'r' version of a particular model number differ from the standard version in terms of its operating temperature range?
    ➢ What voltage level on pin 2 (inh) will result in a high impedance state on the output (pin 4)?
    ➢ What is the typical input current draw of this vcxo when operating within the 000 to 30.000 mhz frequency range?

  • Part No.VCS25AXTR
    ManufacturerFOX
    Size122 Kbytes
    Pages1 page
    Description3.3V LOW PROFILE SMD VCXO
    Datasheet Summary with AI

    # 3.3V LOW PROFILE SMD VCXO
    ## MODEL: VCSAXT SERIES

    Features
    · 3.3V Operation
    · HCMOS Output
    · Enable/Disable Function
    · Tape and Reel (2,000 pcs. STD)

    Options
    · Various Stability/Pullability Options
    · -40ºC ~ +85ºC Operating Temperature Option ('R' Version)

    Part Number Selection
    · Learn more about part marking identification and tape & reel specifications online.
    · Part numbers follow a pattern: `4XX-Frequency-xxxxx`
    · Example models and ranges:
    - VCS12AXT (421-Frequency-xxxxx): ±25PPM stability, ±50PPM pullability, -10 ~ +70ºC
    - VCS12AXTR3 (437-Frequency-xxxxx): ±25PPM stability, ±50PPM pullability, -40 ~ +85ºC
    - VCS25AXTR (445-Frequency-xxxxx): ±50PPM stability, ±100PPM pullability, -40 ~ +85ºC
    · Frequency Range: 1.000 ~ 80.000 MHz

    Electrical Characteristics
    · Frequency Range: 1.000 ~ 80.000 MHz
    · Storage Temperature: -40ºC ~ +85ºC
    · Supply Voltage (VDD): 3.3V ± 10%
    · Control Voltage (VC): 1.65V ± 1.5V
    · Input Current (IDD): Varies by frequency range (15mA - 50mA)
    · Output Symmetry: 40% ~ 60%
    · Rise/Fall Time: 5nS
    · Output Voltage: 10% VDD / 90% VDD (Min)
    · Output Current: 4.0mA (Min) / -1.0mA (Min)
    · Output Load: 15pF
    · Start-up Time: 10mS
    · Enable/Disable Time: 150nS
    · Frequency Linearity: ±10%
    · Modulation Bandwidth: 20 kHz

    Enable/Disable Function
    · Pin 2 (INH): Controls output on Pin 4.
    · Open: Active output.
    · '1' Level: Active output (VIH ≥ 70% VDD).
    · '0' Level: High Z output (VIL ≤ 30% VDD).

    Notes
    · A 0.01µF bypass capacitor should be placed between VDD (Pin 6) and GND (Pin 3).
    · An alternate pin connection with E/D on pin #5 is available.

    # 3.3V LOW PROFILE SMD VCXO
    ## MODEL: VCSAXT SERIES

    Features
    · 3.3V Operation
    · HCMOS Output
    · Enable/Disable Function
    · Tape and Reel (2,000 pcs. STD)

    Options
    · Various Stability/Pullability Options
    · -40ºC ~ +85ºC Operating Temperature Option ('R' Version)

    Part Number Selection
    · Learn more about part marking identification and tape & reel specifications online.
    · Part numbers follow a pattern: `4XX-Frequency-xxxxx`
    · Example models and ranges:
    - VCS12AXT (421-Frequency-xxxxx): ±25PPM stability, ±50PPM pullability, -10 ~ +70ºC
    - VCS12AXTR3 (437-Frequency-xxxxx): ±25PPM stability, ±50PPM pullability, -40 ~ +85ºC
    - VCS25AXTR (445-Frequency-xxxxx): ±50PPM stability, ±100PPM pullability, -40 ~ +85ºC
    · Frequency Range: 1.000 ~ 80.000 MHz

    Electrical Characteristics
    · Frequency Range: 1.000 ~ 80.000 MHz
    · Storage Temperature: -40ºC ~ +85ºC
    · Supply Voltage (VDD): 3.3V ± 10%
    · Control Voltage (VC): 1.65V ± 1.5V
    · Input Current (IDD): Varies by frequency range (15mA - 50mA)
    · Output Symmetry: 40% ~ 60%
    · Rise/Fall Time: 5nS
    · Output Voltage: 10% VDD / 90% VDD (Min)
    · Output Current: 4.0mA (Min) / -1.0mA (Min)
    · Output Load: 15pF
    · Start-up Time: 10mS
    · Enable/Disable Time: 150nS
    · Frequency Linearity: ±10%
    · Modulation Bandwidth: 20 kHz

    Enable/Disable Function
    · Pin 2 (INH): Controls output on Pin 4.
    · Open: Active output.
    · '1' Level: Active output (VIH ≥ 70% VDD).
    · '0' Level: High Z output (VIL ≤ 30% VDD).

    Notes
    · A 0.01µF bypass capacitor should be placed between VDD (Pin 6) and GND (Pin 3).
    · An alternate pin connection with E/D on pin #5 is available.

    Part No.VCS25AXTR
    ManufacturerFOX
    Size122 Kbytes
    Pages1 page
    Description3.3V LOW PROFILE SMD VCXO