Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT3009P6FILM Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about BAT3009P6FILM Datasheet

  • Example questions: 1. What is the maximum forward current (IF) for the BAT30 series diodes?
    2. What is the typical capacitance (C) for the BAT30 series diodes?
    3. Which package types are used for the BAT30 series diodes according to the provided information?

  • Part No.BAT3009P6FILM
    ManufacturerSTMICROELECTRONICS
    Size157 Kbytes
    Pages12 pages
    DescriptionSmall signal Schotky diodes
    Datasheet Summary with AI

    The document provides information about the BAT30 series of small signal Schotky diodes.
    The main product characteristics include very low conduction losses, negligible switching losses, low forward and reverse recovery times, extremely fast switching, surface mount device, and low capacitance diode.
    The diodes are available in various packages such as SOD-323, SOD-523, SOT -23, SOT -323, or SOT -666.
    The document also includes order codes, thermal parameters, static and dynamic electrical characteristics, and package information for the BAT30 series.
    Additionally, it provides information about the ECOPACK® packages and their compliance with environmental requirements.

    Datasheet Summary with AI

    The document provides information about the BAT30 series of small signal Schotky diodes.
    The main product characteristics include very low conduction losses, negligible switching losses, low forward and reverse recovery times, extremely fast switching, surface mount device, and low capacitance diode.
    The diodes are available in various packages such as SOD-323, SOD-523, SOT -23, SOT -323, or SOT -666.
    The document also includes order codes, thermal parameters, static and dynamic electrical characteristics, and package information for the BAT30 series.
    Additionally, it provides information about the ECOPACK® packages and their compliance with environmental requirements.

    Part No.BAT3009P6FILM
    ManufacturerSTMICROELECTRONICS
    Size157 Kbytes
    Pages12 pages
    DescriptionSmall signal Schotky diodes