Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2PD602ASL/DG Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 2PD602ASL/DG Datasheet

  • # Example questions: ➢ What is the maximum collector current (ic) for this transistor, as specified in the 'limiting values' section?
    ➢ What is explicitly stated regarding the use of nxp semiconductors products in life support equipment in the 'legal information' section?
    ➢ What is the value of rth(j-a), the thermal resistance from junction to ambient?

  • Part No.2PD602ASL/DG
    ManufacturerNXP
    Size57 Kbytes
    Pages9 pages
    Description50 V, 500 mA NPN general-purpose transistors
    Datasheet Summary with AI

    1. Overview & Key Features

    ️· Type: NPN Bipolar Junction Transistor (BJT)
    ️· Application: General Purpose - Suitable for various switching and amplification applications.
    ️· Key Features:
    - Low saturation voltage (Vce(sat)) - around 1.3 V
    - Relatively high current gain (hFE) - around 200+ at specified collector current
    - Low collector cut-off current (Ic) – contributing to power efficiency

    2. Absolute Maximum Ratings (Important - Don't Exceed These)

    ️· Collector-Emitter Voltage (Vce): 50 V
    ️· Collector-Base Voltage (Vcb): 60 V
    ️· Emitter-Base Voltage (Veb): 5 V
    ️· Collector Current (Ic): 1.5 A (continuous)
    ️· Power Dissipation (Pc): 3 W
    ️· Junction Temperature (Tj): 150 °C
    ️· Storage Temperature Range: -55 °C to +150 °C

    3. Electrical Characteristics (Typical Values - Performance)

    ️· Vce(sat) (Collector-Emitter Saturation Voltage): 1.3 V (typically) at Ic = 1 A and Ib = 0.5 A
    ️· DC Current Gain (hFE): ≥ 200 at Ic = 0.1A, Vce = 5V
    ️· Collector Cutoff Current (Ic): ≤ 100 nA at Vce = 30V.
    ️· Forward Voltage (Vbe): 0.7V

    4. Thermal Characteristics

    ️· Thermal Resistance (Junction to Ambient): 50 °C/W (This indicates how well heat is dissipated to the surrounding environment. Lower is better.)

    5. Package Information

    ️· Available in TO-92 package. (Standard through-hole package).

    6. Ordering Information

    ️· The datasheet lists specific ordering codes (e.g., 2PD602AXL, etc.), which will define the exact packaging and marking.

    7. Important Notes

    ️· Power Dissipation: The maximum power dissipation is 3W, which is important for thermal management.
    ️· Operating Conditions: The transistor's performance will be affected by temperature. Refer to the datasheet curves for detailed information.

    1. Overview & Key Features

    ️· Type: NPN Bipolar Junction Transistor (BJT)
    ️· Application: General Purpose - Suitable for various switching and amplification applications.
    ️· Key Features:
    - Low saturation voltage (Vce(sat)) - around 1.3 V
    - Relatively high current gain (hFE) - around 200+ at specified collector current
    - Low collector cut-off current (Ic) – contributing to power efficiency

    2. Absolute Maximum Ratings (Important - Don't Exceed These)

    ️· Collector-Emitter Voltage (Vce): 50 V
    ️· Collector-Base Voltage (Vcb): 60 V
    ️· Emitter-Base Voltage (Veb): 5 V
    ️· Collector Current (Ic): 1.5 A (continuous)
    ️· Power Dissipation (Pc): 3 W
    ️· Junction Temperature (Tj): 150 °C
    ️· Storage Temperature Range: -55 °C to +150 °C

    3. Electrical Characteristics (Typical Values - Performance)

    ️· Vce(sat) (Collector-Emitter Saturation Voltage): 1.3 V (typically) at Ic = 1 A and Ib = 0.5 A
    ️· DC Current Gain (hFE): ≥ 200 at Ic = 0.1A, Vce = 5V
    ️· Collector Cutoff Current (Ic): ≤ 100 nA at Vce = 30V.
    ️· Forward Voltage (Vbe): 0.7V

    4. Thermal Characteristics

    ️· Thermal Resistance (Junction to Ambient): 50 °C/W (This indicates how well heat is dissipated to the surrounding environment. Lower is better.)

    5. Package Information

    ️· Available in TO-92 package. (Standard through-hole package).

    6. Ordering Information

    ️· The datasheet lists specific ordering codes (e.g., 2PD602AXL, etc.), which will define the exact packaging and marking.

    7. Important Notes

    ️· Power Dissipation: The maximum power dissipation is 3W, which is important for thermal management.
    ️· Operating Conditions: The transistor's performance will be affected by temperature. Refer to the datasheet curves for detailed information.

    Part No.2PD602ASL/DG
    ManufacturerNXP
    Size57 Kbytes
    Pages9 pages
    Description50 V, 500 mA NPN general-purpose transistors