![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about AT28HC64B_08 Datasheet
Example questions:
1. What is the fast read access time for the AT28HC64B EEPROM mentioned in the document?
2. How many bytes can be simultaneously written to the AT28HC64B EEPROM using the page write operation?
3. What is the standby current for the AT28HC64B EEPROM when it is deselected?
# AT28HC64B: 64K EEPROM
## Product Overview
* 64K (8K x 8) EEPROM
* High-speed parallel interface
* Page Write and Software Data Protection features
* Industrial Temperature Range
## Features
* **Fast Read Access Time:** 70 ns
* **Automatic Page Write:** Internal address and data latches for 64 bytes.
* **Page Write Cycle Time:** 10 ms (Standard), 2 ms (Option).
Up to 64 bytes written simultaneously.
* **Low Power Consumption:** 40 mA Active, 100 µA CMOS Standby.
* **Data Protection:** Hardware and software mechanisms against inadvertent writes.
* **End of Write Detection:** DATA Polling and Toggle Bit.
* **High Reliability:** 100,000 Cycles Endurance, 10 Years Data Retention
* **Supply Voltage:** Single 5 V ±10%
* **Compatibility:** CMOS and TTL compatible inputs and outputs
* **Pinout:** JEDEC approved byte-wide
* **Device Identification:** Extra 64 bytes for user identification
## Operation
* **AC Read Characteristics:** See AC Read Waveforms (AT28HC64B-70, -90, -120 variations exist).
* **Data Polling:** I/O7 presents the complement of the last written data during the write cycle.
* **Toggle Bit:** I/O6 toggles during write cycles, stops toggling when complete.
* **Software Data Protection (SDP):** Enabled/disabled by a 3-byte command sequence.
Protects against inadvertent writes.
* **Device Identification:** Addresses 1FC0H to 1FFFH for user-defined data.
## Package Options
* Refer to datasheet for available package types.
Part No. | AT28HC64B_08 |
Manufacturer | ATMEL |
Size | 341 Kbytes |
Pages | 18 pages |
Description | 64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |