Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD4448HTW Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MMBD4448HTW Datasheet

  • # Example questions: ➢ What is the maximum allowable forward continuous current for this diode?
    ➢ Within what temperature range can this diode be operated and stored?
    ➢ What is the typical forward voltage when the forward current is 5.0ma?

  • Part No.MMBD4448HTW
    ManufacturerKEXIN
    Size42 Kbytes
    Pages2 pages
    DescriptionSurface Mount Fast Switching Diode Array
    Datasheet Summary with AI

    # MMBD4448HTW - Surface Mount Fast Switching Diode Array

    ## Features

    · Fast switching speed
    · Ultra-small surface mount package
    · General purpose switching applications
    · High conductance

    ## Absolute Maximum Ratings (Ta = 25°C)

    · Non-Repetitive Peak Reverse Voltage (VRM): 100 V
    · Peak Repetitive Reverse Voltage (VRRM): 80 V
    · Working Peak Reverse Voltage (VRWM): 80 V
    · DC Blocking Voltage (VR): 80 V
    · RMS Reverse Voltage (VR(RMS)): 57 V
    · Forward Continuous Current (IFM): 500 mA
    · Average Rectified Output Current (IO): 250 mA
    · Non-Repetitive Peak Forward Surge Current (IFSM): 4.0 A (t=1.0 s), 2.0 A (t=1.0 s)
    · Power Dissipation (PD): 200 mW

    · Thermal Resistance (RJA): 625 /W
    · Operating and Storage Temperature Range (Tj,TSTG): -65°C to +150°C

    ## Electrical Characteristics (Ta = 25°C)

    · Reverse Breakdown Voltage (V(BR)R): 80 V (IR = 100 A)
    · Forward Voltage (VF): 0.62 - 0.72 V (IF = 5.0 mA), 0.855 V (IF = 10 mA), 1.0 V (IF = 100 mA), 1.25 V (IF = 150 mA)
    · Reverse Current (IR): 100 nA (VR = 70 V), 50 A (VR = 75 V, Tj = 150°C), 30 A (VR = 25 V, Tj = 150°C), 25 nA (VR = 20 V)
    · Total Capacitance (CT): 3.5 pF (VR = 6 V, f = 1.0 MHz)
    · Reverse Recovery Time (trr): 4.0 ns (VR = 6 V, IF = 5 mA)

    ## Marking

    · KAA

    # MMBD4448HTW - Surface Mount Fast Switching Diode Array

    ## Features

    · Fast switching speed
    · Ultra-small surface mount package
    · General purpose switching applications
    · High conductance

    ## Absolute Maximum Ratings (Ta = 25°C)

    · Non-Repetitive Peak Reverse Voltage (VRM): 100 V
    · Peak Repetitive Reverse Voltage (VRRM): 80 V
    · Working Peak Reverse Voltage (VRWM): 80 V
    · DC Blocking Voltage (VR): 80 V
    · RMS Reverse Voltage (VR(RMS)): 57 V
    · Forward Continuous Current (IFM): 500 mA
    · Average Rectified Output Current (IO): 250 mA
    · Non-Repetitive Peak Forward Surge Current (IFSM): 4.0 A (t=1.0 s), 2.0 A (t=1.0 s)
    · Power Dissipation (PD): 200 mW
    · Thermal Resistance (RJA): 625 /W
    · Operating and Storage Temperature Range (Tj,TSTG): -65°C to +150°C

    ## Electrical Characteristics (Ta = 25°C)

    · Reverse Breakdown Voltage (V(BR)R): 80 V (IR = 100 A)
    · Forward Voltage (VF): 0.62 - 0.72 V (IF = 5.0 mA), 0.855 V (IF = 10 mA), 1.0 V (IF = 100 mA), 1.25 V (IF = 150 mA)
    · Reverse Current (IR): 100 nA (VR = 70 V), 50 A (VR = 75 V, Tj = 150°C), 30 A (VR = 25 V, Tj = 150°C), 25 nA (VR = 20 V)
    · Total Capacitance (CT): 3.5 pF (VR = 6 V, f = 1.0 MHz)
    · Reverse Recovery Time (trr): 4.0 ns (VR = 6 V, IF = 5 mA)

    ## Marking

    · KAA

    Part No.MMBD4448HTW
    ManufacturerKEXIN
    Size42 Kbytes
    Pages2 pages
    DescriptionSurface Mount Fast Switching Diode Array