Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR350-2-103 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about DR350-2-103 Datasheet

  • # Example questions: ➢ What does the 'i sat' specification represent, and how is it determined based on the nominal value?
    ➢ What is the inductance range available for the dr350-2 series inductors?
    ➢ How does the operating temperature range affect the performance of these shielded smd inductors?

  • Part No.DR350-2-103
    ManufacturerDATATRONICS
    Size100 Kbytes
    Pages1 page
    DescriptionSHIELDED SMD INDUCTOR
    Datasheet Summary with AI

    # SHIELDED SMD INDUCTOR DR350-2 SERIES

    ## Features

    · Low Profile Surface Mount Design
    · Flat Top for Pick and Place
    · Inductance Range: 3.3µH to 100.0µH
    · Operating Temperature: -40°C to +85°C
    · Tinned Leads with Leaded Solder Available (non-RoHS parts use 42- prefix)

    ## Electrical Specifications (at 25ºC)

    | Part No. | Inductance (µH) ±20% | DCR (Ω) ±20% | I rms (A) Max | I sat (A) Max |
    |---|---|---|---|---|
    | DR350-2-332 | 3.3 | 0.023 | 1.80 | 1.80 |
    | DR350-2-472 | 4.7 | 0.036 | 1.60 | 1.60 |
    | DR350-2-682 | 6.8 | 0.041 | 1.50 | 1.50 |
    | DR350-2-103 | 10.0 | 0.053 | 1.30 | 1.30 |
    | DR350-2-153 | 15.0 | 0.084 | 1.00 | 1.00 |
    | DR350-2-223 | 22.0 | 0.110 | 0.86 | 0.86 |

    | DR350-2-333 | 33.0 | 0.160 | 0.65 | 0.65 |
    | DR350-2-473 | 47.0 | 0.240 | 0.57 | 0.57 |
    | DR350-2-683 | 68.0 | 0.310 | 0.49 | 0.49 |
    | DR350-2-104 | 100.0 | 0.450 | 0.35 | 0.35 |

    ## Notes

    · Dimensions are in millimeters (mm).
    · General tolerance: ±0.2mm.
    · Inductance Test: 1kHz, 0.5Vrms
    · I rms: Approximate 45°C temperature rise
    · I sat: Approximate 20% drop in nominal value
    · Tape and reel quantity: 1000 pcs/reel
    · Terminal finish compliant to RoHS requirements. Solder in accordance with J-STD-020C.

    # SHIELDED SMD INDUCTOR DR350-2 SERIES

    ## Features

    · Low Profile Surface Mount Design
    · Flat Top for Pick and Place
    · Inductance Range: 3.3µH to 100.0µH
    · Operating Temperature: -40°C to +85°C
    · Tinned Leads with Leaded Solder Available (non-RoHS parts use 42- prefix)

    ## Electrical Specifications (at 25ºC)

    Part No. Inductance (µH) ±20% DCR (Ω) ±20% I rms (A) Max I sat (A) Max
    DR350-2-332 3.3 0.023 1.80 1.80
    DR350-2-472 4.7 0.036 1.60 1.60
    DR350-2-682 6.8 0.041 1.50 1.50
    DR350-2-103 10.0 0.053 1.30 1.30
    DR350-2-153 15.0 0.084 1.00 1.00
    DR350-2-223 22.0 0.110 0.86 0.86
    DR350-2-333 33.0 0.160 0.65 0.65
    DR350-2-473 47.0 0.240 0.57 0.57
    DR350-2-683 68.0 0.310 0.49 0.49
    DR350-2-104 100.0 0.450 0.35 0.35

    ## Notes

    · Dimensions are in millimeters (mm).
    · General tolerance: ±0.2mm.
    · Inductance Test: 1kHz, 0.5Vrms
    · I rms: Approximate 45°C temperature rise
    · I sat: Approximate 20% drop in nominal value
    · Tape and reel quantity: 1000 pcs/reel
    · Terminal finish compliant to RoHS requirements. Solder in accordance with J-STD-020C.

    Part No.DR350-2-103
    ManufacturerDATATRONICS
    Size100 Kbytes
    Pages1 page
    DescriptionSHIELDED SMD INDUCTOR