Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAH36 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about MAH36 Datasheet

  • # Example questions: ➢ What is the operating temperature range within which this module can function as specified?
    ➢ What is the minimum load required for this dc/dc converter to meet its specified performance?
    ➢ How does the remote on/off control function in terms of voltage thresholds for turning the output on and off?

  • Part No.MAH36
    ManufacturerPOWERBOX
    Size519 Kbytes
    Pages2 pages
    Description25 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
    Datasheet Summary with AI

    # MAH 36 Series DC/DC Industrial Power Supplies

    ## Features
    · 4:1 Input range
    · Efficiency up to 84%
    · 200 kHz switching frequency
    · 500 VDC isolation
    · Six-sided shield

    ## Specifications
    · Input Voltage: 9-36V, 18-72V
    · Output Power: 25W, 30W
    · Regulation (Line/Load): Single: ±0.2% / ±1.0%, Dual: ±1.0% / ±5.0%, Triple: ±1.0% / ±5.0%
    · Minimum Load: 25%
    · Load Transient Response: <480µs
    · Ripple and Noise: Max 75 mVp-p
    · Short Circuit Protection: Fold-back (approx. 80% of output current)
    · Temperature Coefficient: ±0.02%/°C
    · Operating Temperature: -25°C to +71°C
    · Storage Temperature: -55°C to +105°C
    · Cooling: Convection
    · MTTF: 200,000 hours @ 25°C
    · Switching Frequency: Min. 250 kHz

    ## Pin Connections
    · Pin 1: +V Input
    · Pin 2: -V Input
    · Pin 3: +Sense / +V Output
    · Pin 4: Output trim / Common
    · Pin 5: -Sense / -V Output
    · Pin 6: +V Output (NP for Dual/Triple)
    · Pin 7: -V Output (NP for Dual/Triple)
    · Pin 8: Remote On/Off Control

    ## Remote On/Off Control
    · Output-On: >5.5VDC or open circuit
    · Output-Off: <1.8VDC
    · Shutdown Current: 10mA
    · Input Resistance: 100K ohms (Ein 0 to 9VDC)

    ## External Output Trimming
    · Output can be trimmed ±10% with a fixed resistor or trimpot.

    ## Model Selection Table (Examples)
    Article Number Input Voltage VDC Output Voltage VDC Output Current mA No Load Input Current mA Full Load Input Current mA
    MAH 36 003 9-36 5 5000 20 1350
    MAH 36 006 9-36 12 2500 20 1560
    MAH 36 012 9-36 ±12 1250 25 1560
    MAH 36 024 9-36 +5/+12/-5 3000/600/1000 25 1450
    MAH 36 027 18-72 5 5000 15 670

    # MAH 36 Series DC/DC Industrial Power Supplies

    ## Features
    · 4:1 Input range
    · Efficiency up to 84%
    · 200 kHz switching frequency
    · 500 VDC isolation
    · Six-sided shield

    ## Specifications
    · Input Voltage: 9-36V, 18-72V
    · Output Power: 25W, 30W
    · Regulation (Line/Load): Single: ±0.2% / ±1.0%, Dual: ±1.0% / ±5.0%, Triple: ±1.0% / ±5.0%
    · Minimum Load: 25%
    · Load Transient Response: <480µs
    · Ripple and Noise: Max 75 mVp-p
    · Short Circuit Protection: Fold-back (approx. 80% of output current)
    · Temperature Coefficient: ±0.02%/°C
    · Operating Temperature: -25°C to +71°C
    · Storage Temperature: -55°C to +105°C
    · Cooling: Convection
    · MTTF: 200,000 hours @ 25°C
    · Switching Frequency: Min. 250 kHz

    ## Pin Connections
    · Pin 1: +V Input
    · Pin 2: -V Input
    · Pin 3: +Sense / +V Output
    · Pin 4: Output trim / Common
    · Pin 5: -Sense / -V Output
    · Pin 6: +V Output (NP for Dual/Triple)
    · Pin 7: -V Output (NP for Dual/Triple)
    · Pin 8: Remote On/Off Control

    ## Remote On/Off Control
    · Output-On: >5.5VDC or open circuit
    · Output-Off: <1.8VDC
    · Shutdown Current: 10mA
    · Input Resistance: 100K ohms (Ein 0 to 9VDC)

    ## External Output Trimming
    · Output can be trimmed ±10% with a fixed resistor or trimpot.

    ## Model Selection Table (Examples)
    Article Number Input Voltage VDC Output Voltage VDC Output Current mA No Load Input Current mA Full Load Input Current mA
    MAH 36 003 9-36 5 5000 20 1350
    MAH 36 006 9-36 12 2500 20 1560
    MAH 36 012 9-36 ±12 1250 25 1560
    MAH 36 024 9-36 +5/+12/-5 3000/600/1000 25 1450
    MAH 36 027 18-72 5 5000 15 670

    Part No.MAH36
    ManufacturerPOWERBOX
    Size519 Kbytes
    Pages2 pages
    Description25 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL