1. Product: BVM-SFPC3 Series Flexstrip Light
️· Type: SMD LED flexstrip light.
️· Purpose: Primarily for lighting applications.
️· Manufacturer: Bright View Electronics.
2. Electrical Characteristics & Performance
️· Maximum Voltage: 13VDC per unit/reel. Exceeding this will damage the product.
️· Polarity: Reverse polarity is not allowed.
️· Power Supply: Recommended to use a power supply with overload protection (over-voltage, short circuit, overheat).
️· Soldering: If necessary, hand soldering should be done with low temperature (280°C), short duration (<3 seconds) with a 30W soldering iron.
️· Luminous Flux: (Implied – data on individual flux per LED isn’t provided but the overall document concerns light output.)
️· Color Temperature: Defined within specific CIE bins (see section 3 for details). The values provided are based on incandescent lighting standards and should be considered a reference.
️· Chromaticity Coordinates: (x,y) are defined and related to the CIE 1931 chromaticity diagram.
3. Color Binning & Chromaticity (Detailed)
️· The product is available in various CIE color bins (e.g., f1, g2, h1). Each bin represents a specific color range.
️· Specific (x,y) color coordinates are provided for each bin.
️· CIE 1931 chromaticity diagram is referenced as the standard for color representation.
️· Important Note: Color temperature values are approximate due to the difference between LED lighting and traditional incandescence.
4. Packing & Dimensions
️· Packaging: Each reel is packaged in an anti-electrostatic bag. Multiple reels are packed into cartons.
️· Carton Contents: Each carton contains 20 reels.
️· Carton Dimensions: 39 cm x 24 cm x 26 cm.
️· Weight: (Gross and Net weights provided on the packaging label.)
5. Cautions / Handling Instructions (VERY IMPORTANT – See notes at end)
️· Electrical Safety: Avoid overvoltage, reverse polarity.
️· Soldering: Minimize heat exposure during soldering.
️· Storage: Protect from moisture and electrostatic discharge (ESD). Store in a low-humidity environment.
️· Mechanical Handling: Avoid bending the flexstrip too sharply (minimum bending radius of 5000mm). Limit twisting to a maximum of 1 degree.
️· Water Resistance: Product is NOT waterproof.
️· General: Avoid excessive force or stress on the LED chips.
---
NOTES – CRITICAL DETAILS & NUANCE
️· Color Accuracy: The document emphasizes that the color temperature specifications are *references* and not exact. LED lighting behaves differently than incandescent, so direct comparisons are misleading.
️· CIE Bins & Material Differences: The document explicitly states that products from different CIE color bins *may use different materials*. This implies that color isn't the only thing that varies between bins—material composition may differ as well. This is important for potential impact on other characteristics (like lifespan, or thermal behavior).
️· Minimum Bending Radius: The 5000mm bending radius is a *very* large number. It's essentially saying you need a *lot* of space to bend this flexstrip without damage.
️· Twist Angle: A maximum twist angle of 1 degree seems small, but in a long flexstrip, that can still create stress points.
️· ESD Sensitivity: ESD is a major concern. The antistatic bags are intended to minimize this, but careful handling is critical.
️· Waterproofing: The lack of waterproofing means you need to protect this from rain or moisture.
️· Material Variability with Color Bins: This is a *very* important technical point. It suggests that even if you're trying to match a specific color, you might be getting different underlying materials and potential impact on other performance characteristic.
In short, this is a technically detailed document aimed at engineers and technicians, emphasizing electrical safety, careful handling, and understanding the limitations of the product. It’s not a simple "plug and play" component; it requires some technical understanding to use correctly.