| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about BAS516 Datasheet
# Example questions:
➢ How does the forward voltage (vf) change as the forward current (if) increases from 1ma to 150ma?
➢ What is the peak forward surge current (ifsm) this diode can withstand?
➢ What is the maximum allowable junction temperature for this diode?
# BAS516 Switching Diode
## PRODUCT SUMMARY
️· SOD-523 Plastic-Encapsulate Diode
️· Small surface mounting type
️· High switching speed
️· Marking: 61
️· Pb-free and RoHS Compliant
## MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS (@TA = 25°C)
️· DC Reverse Voltage (VR): 75 V
️· Mean Rectifying Current (IO): 250 mA
️· Peak Forward Surge Current (IFSM): 0.5 A
️· Junction Temperature (Tj): 150 °C
️· Storage Temperature (Tstg): -65 ~ +150 °C
## ELECTRICAL RATINGS (@TA = 25°C)
️· Forward Voltage (VF):
- 0.715 V @ IF = 1 mA
- 0.855 V @ IF = 10 mA
- 1 V @ IF = 50 mA
- 1.25 V @ IF = 150 mA
️· Reverse Current (IR):
- 0.03 μA @ VR = 25 V
- 1 μA @ VR = 75 V
️· Capacitance (CT): 1 pF @ VR = 0, f = 1 MHz
️· Reverse Recovery Time (trr): 4 ns @ IF = 10 mA, RL = 100 Ω
# BAS516 Switching Diode
## PRODUCT SUMMARY
️· SOD-523 Plastic-Encapsulate Diode
️· Small surface mounting type
️· High switching speed
️· Marking: 61
️· Pb-free and RoHS Compliant
## MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS (@TA = 25°C)
️· DC Reverse Voltage (VR): 75 V
️· Mean Rectifying Current (IO): 250 mA
️· Peak Forward Surge Current (IFSM): 0.5 A
️· Junction Temperature (Tj): 150 °C
️· Storage Temperature (Tstg): -65 ~ +150 °C
## ELECTRICAL RATINGS (@TA = 25°C)
️· Forward Voltage (VF):
- 0.715 V @ IF = 1 mA
- 0.855 V @ IF = 10 mA
- 1 V @ IF = 50 mA
- 1.25 V @ IF = 150 mA
️· Reverse Current (IR):
- 0.03 μA @ VR = 25 V
- 1 μA @ VR = 75 V
️· Capacitance (CT): 1 pF @ VR = 0, f = 1 MHz
️· Reverse Recovery Time (trr): 4 ns @ IF = 10 mA, RL = 100 Ω
| Part No. | BAS516 |
| Manufacturer | SSC |
| Size | 185 Kbytes |
| Pages | 3 pages |
| Description | SWITCHING DIODES |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |