Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16385 Datasheet with Chat AI
Part No.ADIS16385
ManufacturerAD
Size450 Kbytes
Pages20 pages
DescriptionSix Degrees of Freedom Inertial Sensor
Datasheet Summary with AI

The ADIS16385 is a six degrees of freedom inertial sensor that includes a triaxis gyroscope and triaxis accelerometer.
It features a digital range scaling of ±75°/sec, ±150°/sec, and ±300°/sec settings, as well as autonomous operation and data collection.
The sensor has a wide bandwidth of 330 Hz and is factory-calibrated for sensitivity, bias, and axial alignment.
It also has a single serial peripheral interface (SPI) and is compatible with systems that use ADIS1635x, ADIS1636x, and ADIS1640x IMU products.
The sensor is suitable for applications such as platform stabilization and control, navigation, and robotics.
The package is approximately 36 mm × 47 mm × 39 mm and has a standard connector interface.
The device has an operating temperature range of -40°C to +105°C and is capable of surviving 2000 g shock.
The sensor also includes digital filters, automatic and manual bias correction controls, and sleep mode for power management.
The package includes detailed specifications, timing specifications, absolute maximum ratings, and package characteristics.

Datasheet Summary with AI

The ADIS16385 is a six degrees of freedom inertial sensor that includes a triaxis gyroscope and triaxis accelerometer.
It features a digital range scaling of ±75°/sec, ±150°/sec, and ±300°/sec settings, as well as autonomous operation and data collection.
The sensor has a wide bandwidth of 330 Hz and is factory-calibrated for sensitivity, bias, and axial alignment.
It also has a single serial peripheral interface (SPI) and is compatible with systems that use ADIS1635x, ADIS1636x, and ADIS1640x IMU products.
The sensor is suitable for applications such as platform stabilization and control, navigation, and robotics.
The package is approximately 36 mm × 47 mm × 39 mm and has a standard connector interface.
The device has an operating temperature range of -40°C to +105°C and is capable of surviving 2000 g shock.
The sensor also includes digital filters, automatic and manual bias correction controls, and sleep mode for power management.
The package includes detailed specifications, timing specifications, absolute maximum ratings, and package characteristics.

Part No.ADIS16385
ManufacturerAD
Size450 Kbytes
Pages20 pages
DescriptionSix Degrees of Freedom Inertial Sensor