| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about LP2951 Datasheet
# Example questions:
➢ What is the maximum ground current (ignd) for the lp295x series at a load current of 100ma?
➢ What is the output voltage temperature coefficient for the 3-v version (lp295x-30) of the lp295x series?
➢ What is the typical dropout voltage for the lp295x-50 at a load current of 100ma?
# LP2950/LP2951 Adjustable Micropower Voltage Regulators
## Features
️· Wide Input Range: Up to 30V
️· Stable with Low ESR (>12 mΩ) Capacitors
️· Rated Output Current: 100mA
️· Current & Thermal Limiting
️· Low Dropout: 380mV (Typ) @ 100mA
️· Low Quiescent Current: 75μA (Typ)
️· Tight Line & Load Regulation
️· High Output Accuracy
️· Remote Sense Capability
️· Adjustable or Fixed Output Options
## Description
The LP2950 and LP2951 are bipolar, low-dropout voltage regulators accommodating input voltages up to 30V. The LP2950 is a 3-pin device with fixed 5V, 3.3V, and 3V outputs. The LP2951 is an 8-pin device offering fixed or adjustable outputs. The 8-pin version can be set to a fixed 5V, 3.3V, or 3V by tying pins, or adjusted to any voltage between 1.235V and 30V using an external resistor divider.
The LP2951 includes a shutdown feature and supervisor reset function that triggers when output drops by 6% of nominal.
## Ordering Information
Available in various packages (TO-226, PDIP, SOIC, WSON) and output voltages (3V, 3.3V, 5V, Adjustable).
## Electrical Characteristics
️· Output Voltage Tolerance: Typically within ±0.5% at 25°C
️· Dropout Voltage: ~380mV at 100mA
️· Quiescent Current: ~75μA
️· Operating Temperature Range: -40°C to +125°C
## Key Specs (Typical)
️· Input Voltage: Up to 30V
️· Output Current: 100mA
️· Quiescent Current: 75 μA
️· Line Regulation: 0.03%
️· Load Regulation: 0.04%
# LP2950/LP2951 Adjustable Micropower Voltage Regulators
## Features
️· Wide Input Range: Up to 30V
️· Stable with Low ESR (>12 mΩ) Capacitors
️· Rated Output Current: 100mA
️· Current & Thermal Limiting
️· Low Dropout: 380mV (Typ) @ 100mA
️· Low Quiescent Current: 75μA (Typ)
️· Tight Line & Load Regulation
️· High Output Accuracy
️· Remote Sense Capability
️· Adjustable or Fixed Output Options
## Description
The LP2950 and LP2951 are bipolar, low-dropout voltage regulators accommodating input voltages up to 30V. The LP2950 is a 3-pin device with fixed 5V, 3.3V, and 3V outputs. The LP2951 is an 8-pin device offering fixed or adjustable outputs. The 8-pin version can be set to a fixed 5V, 3.3V, or 3V by tying pins, or adjusted to any voltage between 1.235V and 30V using an external resistor divider.
The LP2951 includes a shutdown feature and supervisor reset function that triggers when output drops by 6% of nominal.
## Ordering Information
Available in various packages (TO-226, PDIP, SOIC, WSON) and output voltages (3V, 3.3V, 5V, Adjustable).
## Electrical Characteristics
️· Output Voltage Tolerance: Typically within ±0.5% at 25°C
️· Dropout Voltage: ~380mV at 100mA
️· Quiescent Current: ~75μA
️· Operating Temperature Range: -40°C to +125°C
## Key Specs (Typical)
️· Input Voltage: Up to 30V
️· Output Current: 100mA
️· Quiescent Current: 75 μA
️· Line Regulation: 0.03%
️· Load Regulation: 0.04%
| Part No. | LP2951 |
| Manufacturer | TI |
| Size | 2Mb |
| Pages | 28 pages |
| Description | ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |