Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSC018N04LSG Datasheet with Chat AI
Part No.BSC018N04LSG
ManufacturerINFINEON
Size373 Kbytes
Pages10 pages
DescriptionOptiMOS3 Power-Transistor
Datasheet Summary with AI

The BSC018N04LS G OptiMOS ™3 Power-Transistor is a fast switching MOSFET designed for use in SMPS and DC/DC converters.
It is N-channel and logic level, with very low on-resistance and superior thermal resistance.
The transistor is qualified according to JEDEC standards and is 100% avalanche tested.
It is also Pb-free and RoHS compliant, as well as halogen-free according to IEC61249-2-21.
The maximum ratings for the transistor are provided, including continuous drain current, pulsed drain current, avalanche current, and power dissipation.
The electrical and thermal characteristics of the transistor are also detailed, including thermal resistance, capacitances, and avalanche characteristics.
The package outline and tape dimensions are provided, as well as legal disclaimers and warnings regarding the use of the component in life-support devices.

Datasheet Summary with AI

The BSC018N04LS G OptiMOS ™3 Power-Transistor is a fast switching MOSFET designed for use in SMPS and DC/DC converters.
It is N-channel and logic level, with very low on-resistance and superior thermal resistance.
The transistor is qualified according to JEDEC standards and is 100% avalanche tested.
It is also Pb-free and RoHS compliant, as well as halogen-free according to IEC61249-2-21.
The maximum ratings for the transistor are provided, including continuous drain current, pulsed drain current, avalanche current, and power dissipation.
The electrical and thermal characteristics of the transistor are also detailed, including thermal resistance, capacitances, and avalanche characteristics.
The package outline and tape dimensions are provided, as well as legal disclaimers and warnings regarding the use of the component in life-support devices.

Part No.BSC018N04LSG
ManufacturerINFINEON
Size373 Kbytes
Pages10 pages
DescriptionOptiMOS3 Power-Transistor
Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com