Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4299GMV33 Datasheet with Chat AI
Part No.TLE4299GMV33
ManufacturerINFINEON
Size475 Kbytes
Pages25 pages
DescriptionLow-Drop Fixed Voltage Regulator
Datasheet Summary with AI

The TLE 4299 is a low-drop fixed voltage regulator with a 3.3V output and a maximum output current of 150 mA.
It has extreme low current consumption in the ON state and an inhibit function that reduces current consumption to below 1 µA in the off mode.
The device also includes early warning and reset functions, overtemperature protection, and is reverse polarity proof.
It is designed to supply microcontroller systems, even under automotive environment conditions.
The TLE 4299 is pin-compatible with the TLE 4269 and has a functional similarity with the additional inhibit function.
The device is protected against overload, short circuit, and overtemperature.
The datasheet includes detailed information on the package type, pin configuration, absolute maximum ratings, characteristics, and application information.

Datasheet Summary with AI

The TLE 4299 is a low-drop fixed voltage regulator with a 3.3V output and a maximum output current of 150 mA.
It has extreme low current consumption in the ON state and an inhibit function that reduces current consumption to below 1 µA in the off mode.
The device also includes early warning and reset functions, overtemperature protection, and is reverse polarity proof.
It is designed to supply microcontroller systems, even under automotive environment conditions.
The TLE 4299 is pin-compatible with the TLE 4269 and has a functional similarity with the additional inhibit function.
The device is protected against overload, short circuit, and overtemperature.
The datasheet includes detailed information on the package type, pin configuration, absolute maximum ratings, characteristics, and application information.

Part No.TLE4299GMV33
ManufacturerINFINEON
Size475 Kbytes
Pages25 pages
DescriptionLow-Drop Fixed Voltage Regulator