Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS16WT Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about BAS16WT_11 Datasheet

  • # Example questions: ➢ What is the maximum power dissipation of this diode, and at what ambient temperature is this value specified?
    ➢ What is the maximum reverse voltage that this diode can withstand, and what is the corresponding reverse current at this voltage?
    ➢ What is the reverse recovery time of this diode when the forward and reverse currents are both 10ma?

  • Part No.BAS16WT_11
    ManufacturerMCC
    Size156 Kbytes
    Pages2 pages
    Description200mW Switching Diode
    Datasheet Summary with AI

    # BAS16WT/MMBD4148WT Switching Diode

    ## Features

    ️· Power dissipation: 200mW (Tamb = 25°C)
    ️· Collector current: 150mA
    ️· Epoxy meets UL 94 V-0 flammability rating
    ️· Moisture Sensitivity Level 1

    ## Maximum Ratings

    ️· Operating Temperature: -55°C to +150°C
    ️· Storage Temperature: -55°C to +150°C

    ## Electrical Characteristics (@ 25°C)

    ️· Reverse Voltage (VR): 75V (IR = 100µA)
    ️· Peak Forward Current (IF): 150mA
    ️· Forward Voltage (VF): 0.715V (IFM = 1mA), 0.855V (IFM = 10mA), 1.0V (IFM = 50mA), 1.25V (IFM = 150mA)
    ️· Maximum DC Reverse Current (IR): 1.0µA (VR = 75V)
    ️· Diode Capacitance (CD): 2pF (Measured at 1.0MHz, VR = 0V)
    ️· Reverse Recovery Time (Trr): 4ns (IF = IR = 10mA, Irr = 0.1IR)

    ## Package and Dimensions

    ️· Package: SOT-323
    ️· Suggested Solder Pad Layout:
    - A: 1.80 - 2.20 mm
    - B: 1.15 - 1.35 mm
    - C: 2.00 - 2.20 mm
    - D: 0.65 mm (Nominal)
    - E: 1.20 - 1.40 mm
    - F: 0.30 - 0.40 mm
    - G: 0.00 - 0.10 mm
    - H: 0.90 - 1.00 mm
    - J: 0.10 - 0.25 mm
    - K: 0.30 - 0.40 mm

    ## Ordering Information

    ️· Part Number-TP: Tape & Reel, 3Kpcs/Reel

    # BAS16WT/MMBD4148WT Switching Diode

    ## Features

    ️· Power dissipation: 200mW (Tamb = 25°C)
    ️· Collector current: 150mA
    ️· Epoxy meets UL 94 V-0 flammability rating
    ️· Moisture Sensitivity Level 1

    ## Maximum Ratings

    ️· Operating Temperature: -55°C to +150°C
    ️· Storage Temperature: -55°C to +150°C

    ## Electrical Characteristics (@ 25°C)

    ️· Reverse Voltage (VR): 75V (IR = 100µA)
    ️· Peak Forward Current (IF): 150mA
    ️· Forward Voltage (VF): 0.715V (IFM = 1mA), 0.855V (IFM = 10mA), 1.0V (IFM = 50mA), 1.25V (IFM = 150mA)
    ️· Maximum DC Reverse Current (IR): 1.0µA (VR = 75V)
    ️· Diode Capacitance (CD): 2pF (Measured at 1.0MHz, VR = 0V)
    ️· Reverse Recovery Time (Trr): 4ns (IF = IR = 10mA, Irr = 0.1IR)

    ## Package and Dimensions

    ️· Package: SOT-323
    ️· Suggested Solder Pad Layout:
    - A: 1.80 - 2.20 mm
    - B: 1.15 - 1.35 mm
    - C: 2.00 - 2.20 mm
    - D: 0.65 mm (Nominal)
    - E: 1.20 - 1.40 mm
    - F: 0.30 - 0.40 mm
    - G: 0.00 - 0.10 mm
    - H: 0.90 - 1.00 mm
    - J: 0.10 - 0.25 mm
    - K: 0.30 - 0.40 mm

    ## Ordering Information

    ️· Part Number-TP: Tape & Reel, 3Kpcs/Reel

    Part No.BAS16WT_11
    ManufacturerMCC
    Size156 Kbytes
    Pages2 pages
    Description200mW Switching Diode