Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS86 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about BAS86 Datasheet

  • # Example questions: ➢ What is the maximum repetitive peak forward current (ifrm) that the bas86 diode can handle?
    ➢ What is the moisture sensitivity level of the bas86 diode as indicated in the features section?
    ➢ What is the typical forward voltage (vf) when a forward current of 10ma is applied?

  • Part No.BAS86
    ManufacturerMCC
    Size732 Kbytes
    Pages3 pages
    Description200mW Small Signal Schottky Barrier Diodes 50 Volts
    Datasheet Summary with AI

    ## BAS86 Schottky Barrier Diode Summary

    Description: 200mW Small Signal Schottky Barrier Diode, 50 Volts

    Features:

    ️· Low Turn-On Voltage
    ️· PN Junction Guard Ring for Protection
    ️· Lead-Free / RoHS Compliant

    Maximum Ratings:

    ️· Continuous Reverse Voltage: 50V
    ️· Forward DC Current: 200mA
    ️· Repetitive Peak Forward Current: 500mA
    ️· Power Dissipation: 200mW
    ️· Thermal Resistance: 300°C/W
    ️· Junction Temperature: 125°C
    ️· Storage Temperature: -65°C to +150°C

    Electrical Characteristics (at 25°C unless noted):

    ️· Reverse Breakdown Voltage: 50V
    ️· Forward Voltage (typical): 0.200V - 0.900V (depending on current)
    ️· Leakage Current: 0.2µA - 0.5µA
    ️· Capacitance: 8pF
    ️· Reverse Recovery Time: 5.0ns

    Package: Available on Tape & Reel (2500/reel)



    Note: Refer to datasheet for full specifications and dimensions.

    ## BAS86 Schottky Barrier Diode Summary

    Description: 200mW Small Signal Schottky Barrier Diode, 50 Volts

    Features:

    ️· Low Turn-On Voltage
    ️· PN Junction Guard Ring for Protection
    ️· Lead-Free / RoHS Compliant

    Maximum Ratings:

    ️· Continuous Reverse Voltage: 50V
    ️· Forward DC Current: 200mA
    ️· Repetitive Peak Forward Current: 500mA
    ️· Power Dissipation: 200mW
    ️· Thermal Resistance: 300°C/W
    ️· Junction Temperature: 125°C
    ️· Storage Temperature: -65°C to +150°C

    Electrical Characteristics (at 25°C unless noted):

    ️· Reverse Breakdown Voltage: 50V
    ️· Forward Voltage (typical): 0.200V - 0.900V (depending on current)
    ️· Leakage Current: 0.2µA - 0.5µA
    ️· Capacitance: 8pF
    ️· Reverse Recovery Time: 5.0ns

    Package: Available on Tape & Reel (2500/reel)



    Note: Refer to datasheet for full specifications and dimensions.

    Part No.BAS86
    ManufacturerMCC
    Size732 Kbytes
    Pages3 pages
    Description200mW Small Signal Schottky Barrier Diodes 50 Volts