| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about LC5200_12 Datasheet
# Example questions:
➢ What is the typical value for the reg output voltage (vreg) when the input current is 0.1ma for both the lc5205d and lc5210d?
➢ What is the significance of the 'ttsd' and 'ttsdhys' parameters, and what units are they measured in?
➢ What are the operating and storage temperature ranges for the lc5205d and lc5210d ics?
# LC5200 Series IC Summary
Overview: The LC5200 series are ICs designed for LED lighting and constant current applications. Available in DIP8 package.
Key Features:
️· Applications: LED drivers, constant current sources.
️· Two Variants: LC5205D and LC5210D with slight performance differences.
Absolute Maximum Ratings:
️· Supply Voltage: 400V (LC5205D/LC5210D)
️· Operating Ambient Temperature: -40°C to +105°C
️· Storage Temperature: -40°C to +150°C
Recommended Operating Conditions:
️· Supply Voltage: 25-400V (LC5205D), 25-400V (LC5210D)
️· Output Current: 0.4-0.8A (LC5205D), 0.8A (LC5210D)
️· Case Temperature: 105°C
Electrical Characteristics (Typical):
️· Supply Current (IBB): 2.0A (typical)
️· Output MOSFET Breakdown Voltage: 450V
️· Output MOSFET ON Resistance (RDS(on)): 3.5Ω (LC5205D), 1.7Ω (LC5210D)
️· Regulated Output Voltage (VReg): 12.0V (typical)
️· Maximum Output Current (IReg): 2A
️· UVLO Release Voltage (VUVLOon): 14V
️· TSD Operating Temperature (TTSD): 150°C
Pinout: (Refer to datasheet for detailed pin assignments)
Package: DIP8
Thermal Considerations: θja = 72°C/W, θca = 60°C/W.
# LC5200 Series IC Summary
Overview: The LC5200 series are ICs designed for LED lighting and constant current applications. Available in DIP8 package.
Key Features:
️· Applications: LED drivers, constant current sources.
️· Two Variants: LC5205D and LC5210D with slight performance differences.
Absolute Maximum Ratings:
️· Supply Voltage: 400V (LC5205D/LC5210D)
️· Operating Ambient Temperature: -40°C to +105°C
️· Storage Temperature: -40°C to +150°C
Recommended Operating Conditions:
️· Supply Voltage: 25-400V (LC5205D), 25-400V (LC5210D)
️· Output Current: 0.4-0.8A (LC5205D), 0.8A (LC5210D)
️· Case Temperature: 105°C
Electrical Characteristics (Typical):
️· Supply Current (IBB): 2.0A (typical)
️· Output MOSFET Breakdown Voltage: 450V
️· Output MOSFET ON Resistance (RDS(on)): 3.5Ω (LC5205D), 1.7Ω (LC5210D)
️· Regulated Output Voltage (VReg): 12.0V (typical)
️· Maximum Output Current (IReg): 2A
️· UVLO Release Voltage (VUVLOon): 14V
️· TSD Operating Temperature (TTSD): 150°C
Pinout: (Refer to datasheet for detailed pin assignments)
Package: DIP8
Thermal Considerations: θja = 72°C/W, θca = 60°C/W.
| Part No. | LC5200_12 |
| Manufacturer | SANKEN |
| Size | 93 Kbytes |
| Pages | 2 pages |
| Description | LED Driver ICs |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |