| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about MICRF219_11 Datasheet
# Example questions:
➢ What crystal frequency is recommended for use with the micrf219 to minimize offset, and what loading capacitance should it be specified with?
➢ What is the primary purpose of this function, and how many db of desensitization can it achieve?
➢ What are the four programmable low-pass filter bandwidth settings available at 4392mhz operation?
I. OVERVIEW & PURPOSE
️· The MICRF219 is a radio receiver.
️· The document explains the architecture, key features, and programming options of the receiver.
️· It's aimed at engineers designing systems using the MICRF219.
II. KEY FEATURES & ARCHITECTURE
️· Architecture: The receiver uses a complex architecture including:
- LNA (Low Noise Amplifier)
- Mixers
- Synthesizer (Local Oscillator Generation)
- Image Reject Filter
- Band-Pass Filter
- Programmable Low-Pass Filter
- Slicer
- AGC (Automatic Gain Control)
️· Reference Oscillator: Uses a crystal oscillator with programmable load capacitors.
️· Synthesizer: The local oscillator is generated with a phase-locked loop (PLL) and is 32 times the crystal reference frequency.
️· Demodulation: Uses a programmable low-pass filter (with settings of 1625Hz, 3250Hz, 6500Hz, and 13000Hz) to demodulate the received signal.
️· Slicing Level: Programmable slicing level can be adjusted between 30%, 40%, 50% (default), and 60%.
️· Desense Function: Allows for reducing sensitivity for training or identifying specific transmitters.
III. KEY PROGRAMMABLE ASPECTS & CONTROLS
️· Demodulation Filter Width (BW):
- Controlled by SEL0 and SEL1 pins:
■ SEL0=0, SEL1=0: 1625Hz
■ SEL0=1, SEL1=0: 3250Hz
■ SEL0=0, SEL1=1: 6500Hz
■ SEL0=1, SEL1=1: 13000Hz (default)
️· Slicing Level: Controlled through serial programming (registers D5 and D6):
- D5=0, D6=0: 30%
- D5=0, D6=1: 40%
- D5=1, D6=0: 50% (default)
- D5=1, D6=1: 60%
️· Desense: Controlled through serial programming (registers D0, D1, and D2):
- D0=0, D1=X, D2=X: No Desense (default)
- D0=1, D1=0, D2=0: 6dB Desense
- D0=1, D1=1, D2=0: 16dB Desense
- D0=1, D1=0, D2=1: 30dB Desense
- D0=1, D1=1, D2=1: 42dB Desense
️· Crystal Oscillator Tuning: Uses pins RO1 and RO2 to connect the crystal oscillator.
IV. CRYSTAL FREQUENCY CALCULATION
️· The reference oscillator crystal frequency can be calculated: `F REF OSC = F RF /(32 + 1.1/12)`
️· For 433.92 MHz, F REF OSC = 13.52127 MHz.
V. IMPORTANT NOTES & CONSIDERATIONS
️· Serial Programming: Many features are controlled via serial programming using registers (e.g., D5, D6, D0, D1, D2). The document doesn't detail the serial protocol.
️· Crystal Loading: Pay attention to the crystal oscillator loading capacitance.
️· Filter Selection: Carefully select the demodulation filter width (BW) to optimize performance for the data rate and minimize distortion.
️· Desense: Use the desense function strategically for training the receiver to recognize specific transmitters.
This summary encapsulates the information provided. To fully utilize the MICRF219, you would need the complete datasheet, which includes the serial communication protocol details and register maps.
I. OVERVIEW & PURPOSE
️· The MICRF219 is a radio receiver.
️· The document explains the architecture, key features, and programming options of the receiver.
️· It's aimed at engineers designing systems using the MICRF219.
II. KEY FEATURES & ARCHITECTURE
️· Architecture: The receiver uses a complex architecture including:
- LNA (Low Noise Amplifier)
- Mixers
- Synthesizer (Local Oscillator Generation)
- Image Reject Filter
- Band-Pass Filter
- Programmable Low-Pass Filter
- Slicer
- AGC (Automatic Gain Control)
️· Reference Oscillator: Uses a crystal oscillator with programmable load capacitors.
️· Synthesizer: The local oscillator is generated with a phase-locked loop (PLL) and is 32 times the crystal reference frequency.
️· Demodulation: Uses a programmable low-pass filter (with settings of 1625Hz, 3250Hz, 6500Hz, and 13000Hz) to demodulate the received signal.
️· Slicing Level: Programmable slicing level can be adjusted between 30%, 40%, 50% (default), and 60%.
️· Desense Function: Allows for reducing sensitivity for training or identifying specific transmitters.
III. KEY PROGRAMMABLE ASPECTS & CONTROLS
️· Demodulation Filter Width (BW):
- Controlled by SEL0 and SEL1 pins:
■ SEL0=0, SEL1=0: 1625Hz
■ SEL0=1, SEL1=0: 3250Hz
■ SEL0=0, SEL1=1: 6500Hz
■ SEL0=1, SEL1=1: 13000Hz (default)
️· Slicing Level: Controlled through serial programming (registers D5 and D6):
- D5=0, D6=0: 30%
- D5=0, D6=1: 40%
- D5=1, D6=0: 50% (default)
- D5=1, D6=1: 60%
️· Desense: Controlled through serial programming (registers D0, D1, and D2):
- D0=0, D1=X, D2=X: No Desense (default)
- D0=1, D1=0, D2=0: 6dB Desense
- D0=1, D1=1, D2=0: 16dB Desense
- D0=1, D1=0, D2=1: 30dB Desense
- D0=1, D1=1, D2=1: 42dB Desense
️· Crystal Oscillator Tuning: Uses pins RO1 and RO2 to connect the crystal oscillator.
IV. CRYSTAL FREQUENCY CALCULATION
️· The reference oscillator crystal frequency can be calculated: `F REF OSC = F RF /(32 + 1.1/12)`
️· For 433.92 MHz, F REF OSC = 13.52127 MHz.
V. IMPORTANT NOTES & CONSIDERATIONS
️· Serial Programming: Many features are controlled via serial programming using registers (e.g., D5, D6, D0, D1, D2). The document doesn't detail the serial protocol.
️· Crystal Loading: Pay attention to the crystal oscillator loading capacitance.
️· Filter Selection: Carefully select the demodulation filter width (BW) to optimize performance for the data rate and minimize distortion.
️· Desense: Use the desense function strategically for training the receiver to recognize specific transmitters.
This summary encapsulates the information provided. To fully utilize the MICRF219, you would need the complete datasheet, which includes the serial communication protocol details and register maps.
| Part No. | MICRF219_11 |
| Manufacturer | MICREL |
| Size | 892 Kbytes |
| Pages | 23 pages |
| Description | 300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Che |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |