Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT11258 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 74ACT11258 Datasheet

  • # Example questions: ➢ What is the maximum permissible operating temperature implied by the absolute maximum ratings mentioned in the document (though not explicitly stated)?
    ➢ What type of capacitance is included in the 'cl' value used for load circuit measurements and what components contribute to it?
    ➢ What does the document state regarding the use of ti products in safety-critical applications and what responsibilities does the buyer have in such instances?

  • Part No.74ACT11258
    ManufacturerTI1
    Size89 Kbytes
    Pages5 pages
    DescriptionQUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
    Datasheet Summary with AI

    # 74ACT11258 Multiplexer Datasheet Summary

    ## Description

    ️· The 74ACT11258 is a 4-bit multiplexer designed to select signals from multiple data sources to 4-output data lines in bus-organized systems.
    ️· 3-State outputs disable loading data lines when the output control pin (G) is HIGH.
    ️· Operates from -40°C to 85°C.

    ## Key Features

    ️· TTL-Voltage Compatible Inputs
    ️· 3-State Outputs for Bus Interface
    ️· Flow-Through Architecture for PCB Layout
    ️· Center-Pin VCC and GND for Reduced Noise
    ️· EPIC/C0116 CMOS Process
    ️· 500mA Latch-Up Immunity at 125°C

    ## Electrical Characteristics

    ️· Supply Voltage (VCC): 4.5V to 5.5V
    ️· Input High Voltage (VIH): 2V
    ️· Output High Voltage (VOH): VCC - (IOH * Ron)
    ️· Output Low Voltage (VOL): (IOL * Ron)
    ️· Output Capacitance (CO): 8pF
    ️· Power Dissipation Capacitance (CPD): 35pF (Enabled), 15pF (Disabled)

    ## Logic Diagram & Function Table

    ️· Inputs: Select (A/B), Data, Output Control (G)
    ️· Outputs: Y1, Y2, Y3, Y4
    ️· Function: The selected data is passed to the outputs when G is LOW. When G is HIGH, the outputs are HIGH-impedance.

    ## Absolute Maximum Ratings

    ️· VCC: -0.5V to 7V
    ️· Input Voltage: -0.5V to VCC + 0.5V
    ️· Output Voltage: -0.5V to VCC + 0.5V
    ️· Storage Temperature: -65°C to 150°C

    ## Package Options

    ️· Plastic Small-Outline Packages
    ️· Standard Plastic 300-mil DIPs

    # 74ACT11258 Multiplexer Datasheet Summary

    ## Description

    ️· The 74ACT11258 is a 4-bit multiplexer designed to select signals from multiple data sources to 4-output data lines in bus-organized systems.
    ️· 3-State outputs disable loading data lines when the output control pin (G) is HIGH.
    ️· Operates from -40°C to 85°C.

    ## Key Features

    ️· TTL-Voltage Compatible Inputs
    ️· 3-State Outputs for Bus Interface
    ️· Flow-Through Architecture for PCB Layout
    ️· Center-Pin VCC and GND for Reduced Noise
    ️· EPIC/C0116 CMOS Process
    ️· 500mA Latch-Up Immunity at 125°C

    ## Electrical Characteristics

    ️· Supply Voltage (VCC): 4.5V to 5.5V
    ️· Input High Voltage (VIH): 2V
    ️· Output High Voltage (VOH): VCC - (IOH * Ron)
    ️· Output Low Voltage (VOL): (IOL * Ron)
    ️· Output Capacitance (CO): 8pF
    ️· Power Dissipation Capacitance (CPD): 35pF (Enabled), 15pF (Disabled)

    ## Logic Diagram & Function Table

    ️· Inputs: Select (A/B), Data, Output Control (G)
    ️· Outputs: Y1, Y2, Y3, Y4
    ️· Function: The selected data is passed to the outputs when G is LOW. When G is HIGH, the outputs are HIGH-impedance.

    ## Absolute Maximum Ratings

    ️· VCC: -0.5V to 7V
    ️· Input Voltage: -0.5V to VCC + 0.5V
    ️· Output Voltage: -0.5V to VCC + 0.5V
    ️· Storage Temperature: -65°C to 150°C

    ## Package Options

    ️· Plastic Small-Outline Packages
    ️· Standard Plastic 300-mil DIPs

    Part No.74ACT11258
    ManufacturerTI1
    Size89 Kbytes
    Pages5 pages
    DescriptionQUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS