![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about AM15E-1203DZ Datasheet
Example questions:
1. What is the maximum output current for the AM15E-1212S Z model?
2. What is the input voltage range for the AM15E-4807SZ model?
3. What is the efficiency percentage for the AM15E-2405DZ model?
The Series AM 15E-Z is a 15 Watt DC-DC converter with features such as RoHS compliance, operating temperature range of -40oC to +85oC, full SMD internal technology, input/output isolation of 1500VDC, wide 2:1 input range, continuous short circuit protection, high efficiency up to 88%, and pin compatibility with multiple manufacturers.
It comes in single and dual output models with various input and output voltage options.
The converter also has input, isolation, output, general, and safety specifications, as well as pin out specifications and dimensions.
The datasheet notes that specifications are subject to change without notice and that the product is not designed for use in critical life support systems or hazardous environments.
Part No. | AM15E-1203DZ |
Manufacturer | AIMTEC |
Size | 131 Kbytes |
Pages | 4 pages |
Description | 15 Watt | DC-DC Converter |