Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3USB3000RLSR Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TS3USB3000RLSR Datasheet

  • # Example questions: ➢ What is the typical peak-to-peak jitter contributed by the ts3usb3000 for a 2 gbps data rate?
    ➢ What is the primary purpose of figures 15 and 16 in the datasheet, and what relationship do they illustrate?
    ➢ What are the supply voltage (vcc) and operating temperature range for the ts3usb3000?

  • Part No.TS3USB3000RLSR
    ManufacturerTI
    Size1Mb
    Pages22 pages
    DescriptionDPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch
    Datasheet Summary with AI

    # TS3USB3000 DPDT USB 2.0 & MHL Switch

    ## Features
    ️· VCC Range: 2.7V to 4.3V
    ️· Mobile High-Definition Link (MHL) Switch: Supports up to 6.1 GHz bandwidth.
    ️· USB 2.0 High-Speed Switch: Supports up to 480 Mbps.
    ️· Low Ron: 4.6Ω (USB), 5.7Ω (MHL) typical.
    ️· ESD Protection: Up to 3.5 kV (Human Body Model).
    ️· Small Package: 10-pin QFN (2.0mm x 1.5mm).
    ️· Over-Voltage Tolerance (OVT): Pins withstand up to 5.5V.
    ️· 1.8V Compatible Control Inputs: Compatible with mobile processors.

    ## Pin Description
    ️· USB+/–: USB data (differential).
    ️· MHL+/–: MHL data (differential).
    ️· D+/–: Data switch output (differential).
    ️· GND: Ground.
    ️· /OE: Output enable (active low).
    ️· SEL: Output select.
    ️· VCC: Power supply.


    ## Electrical Characteristics
    ️· Bandwidth: 6.1 GHz (MHL & USB).
    ️· Ron (USB): 4.6Ω (typ).
    ️· Ron (MHL): 5.7Ω (typ).
    ️· Current Consumption: 30 µA (typ).

    ## Typical Applications
    ️· Switching between USB and MHL signals in mobile devices.
    ️· Interface between baseband/application processors and MHL bridges.

    ## Package Information
    ️· Package Type: QFN
    ️· Pin Count: 10
    ️· Dimensions: 2.0mm x 1.5mm.

    # TS3USB3000 DPDT USB 2.0 & MHL Switch

    ## Features
    ️· VCC Range: 2.7V to 4.3V
    ️· Mobile High-Definition Link (MHL) Switch: Supports up to 6.1 GHz bandwidth.
    ️· USB 2.0 High-Speed Switch: Supports up to 480 Mbps.
    ️· Low Ron: 4.6Ω (USB), 5.7Ω (MHL) typical.
    ️· ESD Protection: Up to 3.5 kV (Human Body Model).
    ️· Small Package: 10-pin QFN (2.0mm x 1.5mm).
    ️· Over-Voltage Tolerance (OVT): Pins withstand up to 5.5V.
    ️· 1.8V Compatible Control Inputs: Compatible with mobile processors.

    ## Pin Description
    ️· USB+/–: USB data (differential).
    ️· MHL+/–: MHL data (differential).
    ️· D+/–: Data switch output (differential).
    ️· GND: Ground.
    ️· /OE: Output enable (active low).
    ️· SEL: Output select.
    ️· VCC: Power supply.

    ## Electrical Characteristics
    ️· Bandwidth: 6.1 GHz (MHL & USB).
    ️· Ron (USB): 4.6Ω (typ).
    ️· Ron (MHL): 5.7Ω (typ).
    ️· Current Consumption: 30 µA (typ).

    ## Typical Applications
    ️· Switching between USB and MHL signals in mobile devices.
    ️· Interface between baseband/application processors and MHL bridges.

    ## Package Information
    ️· Package Type: QFN
    ️· Pin Count: 10
    ️· Dimensions: 2.0mm x 1.5mm.

    Part No.TS3USB3000RLSR
    ManufacturerTI
    Size1Mb
    Pages22 pages
    DescriptionDPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch