| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SYS-4U4320-8S01 Datasheet
# Example questions:
➢ What type of power supply is included with both the sys-4u4320-8a01 and sys-4u4320-8s01, and what is its wattage?
➢ What is the maximum amount of system memory supported by both the sys-4u4320-8a01 and sys-4u4320-8s01 models?
➢ What are the dimensions of the sys-4u4320-8a01 and sys-4u4320-8s01 in millimeters?
# SYS-4U4320-8A01 / SYS-4U4320-8S01
## Product Overview
4U Intel® Core™ i7/i5/i3 LGA1155 ATX/SBC System with Dual SATA/SAS HDD Trays
## Features
· Intel® Q67 platform
· Supports Intel® Core™ i7/i5/i3 LGA1155 (up to 3.4 GHz)
· Supports DDR3 1066/1333 MHz
· Dual SATA/SAS HDD mobile racks for data mirroring
· Expandable with PCI/PCIe add-on cards
· Scalable with 3.5" and 5.25" drive bays
· LED indicators for system fault and network connection
· Lockable front door
## Specifications
### Processor
· SYS-4U4320-8A01: Intel Core i7 2600 (3.4 GHz), Core i5, Core i3
· SYS-4U4320-8S01: Intel Core i7 2600 (3.4 GHz), Core i5, Core i3
· L2 Cache: 8 MB / 6 MB / 3 MB
### Memory
· DDR3 1066/1333 MHz
· Max. 8 GB
### Graphics
· Intel HD Graphics
· 1 GB shared memory (with 2 GB+ system memory)
### Expansion Slot
· PCIe x16: 1
· PCIe x1: 1
· PCI: 4
### Drive Bay
· 5.25" Front-Accessible: 2
· 3.5" Front-Accessible: 2
· 2.5" Internal: None
· Slim Odd Bay: None
### Ethernet
· 10/100/1000 Mbps Gigabit Ethernet
· Controller: Intel 82579LM / Intel 82583V
### Front I/O
· USB: 2
### Rear I/O
· USB: 4 (SYS-4U4320-8A01) / 1 (SYS-4U4320-8S01)
· PS/2: 2 (SYS-4U4320-8A01) / 1 (SYS-4U4320-8S01)
· COM: 2 (SYS-4U4320-8A01) / None (SYS-4U4320-8S01)
· VGA: 1 (SYS-4U4320-8A01) / VGA+DVI (SYS-4U4320-8S01)
· Parallel: None
· RJ-45: 2
· Watchdog Timer: Interrupt/reset programmable (1-255 sec/min)
### Power Supply
· 400 W
· Input Range: AC 100 ~ 240 V
### Cooling
· Chassis Fan: 2 (12 cm /85 CFM) + 1 (6 cm /28 CFM)
· Air Filter: Yes
### Environment
· Operating Temperature: 0 ~ 40° C
· Non-operating Temperature: -20 ~ 60° C
· Humidity: 10 ~ 85% @ 40° C
### Physical Characteristics
· Dimension: 482 x 350 x 479 mm (18.9")
· Weight: 16 kg (35 lb)
## Ordering Information
· Please visit Advantech eStore: http://buy.advantech.com/
## System Contents
· SYS-4U4320-8A01: Chassis, Motherboard, Power Supply
· SYS-4U4320-8S01: Chassis, SBC, Backplane, Power Supply
# SYS-4U4320-8A01 / SYS-4U4320-8S01
## Product Overview
4U Intel® Core™ i7/i5/i3 LGA1155 ATX/SBC System with Dual SATA/SAS HDD Trays
## Features
· Intel® Q67 platform
· Supports Intel® Core™ i7/i5/i3 LGA1155 (up to 3.4 GHz)
· Supports DDR3 1066/1333 MHz
· Dual SATA/SAS HDD mobile racks for data mirroring
· Expandable with PCI/PCIe add-on cards
· Scalable with 3.5" and 5.25" drive bays
· LED indicators for system fault and network connection
· Lockable front door
## Specifications
### Processor
· SYS-4U4320-8A01: Intel Core i7 2600 (3.4 GHz), Core i5, Core i3
· SYS-4U4320-8S01: Intel Core i7 2600 (3.4 GHz), Core i5, Core i3
· L2 Cache: 8 MB / 6 MB / 3 MB
### Memory
· DDR3 1066/1333 MHz
· Max. 8 GB
### Graphics
· Intel HD Graphics
· 1 GB shared memory (with 2 GB+ system memory)
### Expansion Slot
· PCIe x16: 1
· PCIe x1: 1
· PCI: 4
### Drive Bay
· 5.25" Front-Accessible: 2
· 3.5" Front-Accessible: 2
· 2.5" Internal: None
· Slim Odd Bay: None
### Ethernet
· 10/100/1000 Mbps Gigabit Ethernet
· Controller: Intel 82579LM / Intel 82583V
### Front I/O
· USB: 2
### Rear I/O
· USB: 4 (SYS-4U4320-8A01) / 1 (SYS-4U4320-8S01)
· PS/2: 2 (SYS-4U4320-8A01) / 1 (SYS-4U4320-8S01)
· COM: 2 (SYS-4U4320-8A01) / None (SYS-4U4320-8S01)
· VGA: 1 (SYS-4U4320-8A01) / VGA+DVI (SYS-4U4320-8S01)
· Parallel: None
· RJ-45: 2
· Watchdog Timer: Interrupt/reset programmable (1-255 sec/min)
### Power Supply
· 400 W
· Input Range: AC 100 ~ 240 V
### Cooling
· Chassis Fan: 2 (12 cm /85 CFM) + 1 (6 cm /28 CFM)
· Air Filter: Yes
### Environment
· Operating Temperature: 0 ~ 40° C
· Non-operating Temperature: -20 ~ 60° C
· Humidity: 10 ~ 85% @ 40° C
### Physical Characteristics
· Dimension: 482 x 350 x 479 mm (18.9")
· Weight: 16 kg (35 lb)
## Ordering Information
· Please visit Advantech eStore: http://buy.advantech.com/
## System Contents
· SYS-4U4320-8A01: Chassis, Motherboard, Power Supply
· SYS-4U4320-8S01: Chassis, SBC, Backplane, Power Supply
| Part No. | SYS-4U4320-8S01 |
| Manufacturer | ADVANTECH |
| Size | 1Mb |
| Pages | 2 pages |
| Description | 4U Intel짰 Core??i7/i5/i3 LGA1155 ATX/SBC System with Dual SATA/SAS HDD Trays |
| Privacy Policy |
| ALLDATASHEET.NET |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |