Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Datasheet with Chat AI
Datasheet Details
Part No.M54HC393D
MfrSTMICROELECTRONICS
Size306 Kbytes
Pages29 pages
DescriptionRad-hard high speed 2 to 6 V CMOS logic series
Datasheet SummaryAI
1. Overall Data Description

This data is a device summary (a catalog or datasheet excerpt) for a series of rad-hardened (radiation-hardened) CMOS and HCT (High-speed CMOS Technology) integrated circuits. These components are designed to withstand harsh radiation environments, making them suitable for use in aerospace, military, and other demanding applications.

2. Key Categories of Devices

The table lists a variety of digital logic ICs. Here's a categorization:

️· Buffers/Transceivers: (e.g., HC/HCT240, HC/HCT244, HC/HCT245) – These are used to isolate or strengthen signals. Some are unidirectional (buffers), while others are bidirectional (transceivers).
️· Multiplexers/Demultiplexers: (e.g., HC251, HC253, HC257) – Used to select one of multiple input signals or route a single signal to multiple outputs.
️· Latches/Flip-Flops: (e.g., HC273, HC373, HC374) – These are fundamental memory elements used to store data. Latches are level-triggered, while flip-flops are edge-triggered.
️· Adders: (e.g., HC283) – Used to perform binary addition.
️· Shift Registers: (not explicitly listed, but functionality is implied)
️· Buffers/Line Drivers: Devices used to improve signal quality.

3. Key Parameters/Columns

️· Part Number: The unique identifier for each specific IC.
️· Description: A brief explanation of the device's function.
️· Radiation Level: (Often specified as 50 krad(Si) or similar). Indicates the amount of radiation the device can withstand.
️· Agency Qualification: (Implied through rad-hard description) - It shows that those parts have passed testing for usage in space or other harsh conditions.
️· EPPL: It is not defined in the table.
️· ESCC Specification: It is a European Standard for electronic components.
️· Package: The physical packaging of the IC (e.g., Flat-20, DIL-20 - Dual In-Line Package with 20 pins).
️· Vcc: The supply voltage (e.g., 2.0-6.0V, 4.5-5.5V).
️· Other Features/Comments: Additional characteristics like independent enables, TTL compatibility, or specific functionalities.
️· Temp. Range: Not explicitly stated.

4. Technology Differences (HC vs. HCT)

️· HC (High-speed CMOS): Generally designed for a wider voltage range (typically 2V to 6V). Offers good performance and power efficiency.
️· HCT (High-speed CMOS Technology): Designed for compatibility with TTL (Transistor-Transistor Logic) circuits. Typically operates at lower voltages (around 4.5V to 5.5V).

5. Notable Observations

️· Radiation Hardening: All listed components are designed to be resistant to radiation damage, which is critical for space and military applications.
️· Variety of Functions: The catalog covers a broad range of digital logic functions.
️· Multiple Packaging Options: Devices are available in both Flat packages and DIP (Dual In-Line Package) formats.

In conclusion:

This data represents a catalog of reliable, radiation-hardened CMOS and HCT integrated circuits, offering a variety of digital logic functions for applications requiring robustness in harsh environments.
M54HC393D Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about M54HC393D Datasheet.
    Example questions: ➤ What is the typical vcc range for the 'm54hc240' component?➤ List five components that come in a 'flat-20' package.➤ Which components have a 'radiation level' specified as '50 krad (si)'?
  • Datasheet Details
    Part No.M54HC393D
    ManufacturerSTMICROELECTRONICS
    Size306 Kbytes
    Pages29 pages
    DescriptionRad-hard high speed 2 to 6 V CMOS logic series
    Datasheet Summary AI Expand summary
    1. Overall Data Description

    This data is a device summary (a catalog or datasheet excerpt) for a series of rad-hardened (radiation-hardened) CMOS and HCT (High-speed CMOS Technology) integrated circuits. These components are designed to withstand harsh radiation environments, making them suitable for use in aerospace, military, and other demanding applications.

    2. Key Categories of Devices

    The table lists a variety of digital logic ICs. Here's a categorization:

    ️· Buffers/Transceivers: (e.g., HC/HCT240, HC/HCT244, HC/HCT245) – These are used to isolate or strengthen signals. Some are unidirectional (buffers), while others are bidirectional (transceivers).
    ️· Multiplexers/Demultiplexers: (e.g., HC251, HC253, HC257) – Used to select one of multiple input signals or route a single signal to multiple outputs.
    ️· Latches/Flip-Flops: (e.g., HC273, HC373, HC374) – These are fundamental memory elements used to store data. Latches are level-triggered, while flip-flops are edge-triggered.
    ️· Adders: (e.g., HC283) – Used to perform binary addition.
    ️· Shift Registers: (not explicitly listed, but functionality is implied)
    ️· Buffers/Line Drivers: Devices used to improve signal quality.

    3. Key Parameters/Columns

    ️· Part Number: The unique identifier for each specific IC.
    ️· Description: A brief explanation of the device's function.
    ️· Radiation Level: (Often specified as 50 krad(Si) or similar). Indicates the amount of radiation the device can withstand.
    ️· Agency Qualification: (Implied through rad-hard description) - It shows that those parts have passed testing for usage in space or other harsh conditions.
    ️· EPPL: It is not defined in the table.
    ️· ESCC Specification: It is a European Standard for electronic components.
    ️· Package: The physical packaging of the IC (e.g., Flat-20, DIL-20 - Dual In-Line Package with 20 pins).
    ️· Vcc: The supply voltage (e.g., 2.0-6.0V, 4.5-5.5V).
    ️· Other Features/Comments: Additional characteristics like independent enables, TTL compatibility, or specific functionalities.
    ️· Temp. Range: Not explicitly stated.

    4. Technology Differences (HC vs. HCT)

    ️· HC (High-speed CMOS): Generally designed for a wider voltage range (typically 2V to 6V). Offers good performance and power efficiency.
    ️· HCT (High-speed CMOS Technology): Designed for compatibility with TTL (Transistor-Transistor Logic) circuits. Typically operates at lower voltages (around 4.5V to 5.5V).

    5. Notable Observations

    ️· Radiation Hardening: All listed components are designed to be resistant to radiation damage, which is critical for space and military applications.
    ️· Variety of Functions: The catalog covers a broad range of digital logic functions.
    ️· Multiple Packaging Options: Devices are available in both Flat packages and DIP (Dual In-Line Package) formats.

    In conclusion:

    This data represents a catalog of reliable, radiation-hardened CMOS and HCT integrated circuits, offering a variety of digital logic functions for applications requiring robustness in harsh environments.