Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25LC1024-ESM Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 25LC1024-ESM Datasheet

  • # Example questions: ➢ What conditions must be met before a page erase operation can successfully begin, according to the document?
    ➢ Explain the function of the bp0 and bp1 bits in the status register, and how they relate to array protection.
    ➢ What happens to the write enable latch after a successful byte write operation?

  • Part No.25LC1024-ESM
    ManufacturerMICROCHIP
    Size705 Kbytes
    Pages34 pages
    Description1 Mbit SPI Bus Serial EEPROM
    Datasheet Summary with AI

    1. Overview:

    ️· Device Type: EEPROM (Electrically Erasable Programmable Read-Only Memory)
    ️· Purpose: Non-volatile data storage within a system. It retains data even when power is removed.

    2. Key Features & Functionality:

    ️· Write Protection:
    - Write Enable Latch: Must be set (using the WREN instruction) before any write operation can occur. It's automatically reset upon power-up, after writes, and when certain instructions are executed.
    - Block Protection: The array is divided into four blocks, and the user can selectively protect these blocks using the STATUS register (BP0 and BP1 bits). This offers varying levels of write protection.
    - Hardware Write Protection: Controlled by the WP pin and the WPEN bit in the STATUS register, providing another level of control.
    ️· Erase Operations:
    - Page Erase: Allows erasing a single page of data. Requires the write enable latch to be set.
    ️· STATUS Register:
    - Provides access to status information and control bits (WEL, WIP, BP0, BP1, WPEN). The WIP bit indicates if a write operation is in progress.
    ️· Power-On State: Starts in a low-power standby mode, requiring a transition to an active state.

    3. Instructions & Sequences:

    ️· WREN (Write Enable): Sets the write enable latch.
    ️· WRDI (Write Disable): Resets the write enable latch.
    ️· RDSR (Read Status Register): Allows reading the contents of the STATUS register.
    ️· WRSR (Write Status Register): Allows writing to the STATUS register to set block protection.
    ️· Page Erase Sequence: Sets the WIP bit and initiates a self-timed Page Erase cycle.

    4. Data Protection Measures:

    ️· Automatic reset of the write enable latch
    ️· Requirement of a Write Enable (WREN) instruction
    ️· Self-timed internal write cycles.
    ️· CS must be driven high after the proper number of clock cycles.

    5. Key Terms / Abbreviations:

    ️· EEPROM: Electrically Erasable Programmable Read-Only Memory
    ️· WIP: Write In Process
    ️· WEL: Write Enable Latch
    ️· WPEN: Write Protect Enable
    ️· BP0, BP1: Block Protection Bits
    ️· RDSR: Read Status Register
    ️· WRSR: Write Status Register

    1. Overview:

    ️· Device Type: EEPROM (Electrically Erasable Programmable Read-Only Memory)
    ️· Purpose: Non-volatile data storage within a system. It retains data even when power is removed.

    2. Key Features & Functionality:

    ️· Write Protection:
    - Write Enable Latch: Must be set (using the WREN instruction) before any write operation can occur. It's automatically reset upon power-up, after writes, and when certain instructions are executed.
    - Block Protection: The array is divided into four blocks, and the user can selectively protect these blocks using the STATUS register (BP0 and BP1 bits). This offers varying levels of write protection.
    - Hardware Write Protection: Controlled by the WP pin and the WPEN bit in the STATUS register, providing another level of control.
    ️· Erase Operations:
    - Page Erase: Allows erasing a single page of data. Requires the write enable latch to be set.
    ️· STATUS Register:
    - Provides access to status information and control bits (WEL, WIP, BP0, BP1, WPEN). The WIP bit indicates if a write operation is in progress.
    ️· Power-On State: Starts in a low-power standby mode, requiring a transition to an active state.

    3. Instructions & Sequences:

    ️· WREN (Write Enable): Sets the write enable latch.
    ️· WRDI (Write Disable): Resets the write enable latch.
    ️· RDSR (Read Status Register): Allows reading the contents of the STATUS register.
    ️· WRSR (Write Status Register): Allows writing to the STATUS register to set block protection.
    ️· Page Erase Sequence: Sets the WIP bit and initiates a self-timed Page Erase cycle.

    4. Data Protection Measures:

    ️· Automatic reset of the write enable latch
    ️· Requirement of a Write Enable (WREN) instruction
    ️· Self-timed internal write cycles.
    ️· CS must be driven high after the proper number of clock cycles.

    5. Key Terms / Abbreviations:

    ️· EEPROM: Electrically Erasable Programmable Read-Only Memory
    ️· WIP: Write In Process
    ️· WEL: Write Enable Latch
    ️· WPEN: Write Protect Enable
    ️· BP0, BP1: Block Protection Bits
    ️· RDSR: Read Status Register
    ️· WRSR: Write Status Register

    Part No.25LC1024-ESM
    ManufacturerMICROCHIP
    Size705 Kbytes
    Pages34 pages
    Description1 Mbit SPI Bus Serial EEPROM