Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 93LC86C-ISN Datasheet
Example questions:
1. What is the VCC range for the 93LC86B device?
2. What is the function of the ORG pin in the 93AA86C device?
3. Which device in the table supports both 8-bit and 16-bit word sizes?
The document provides information about the 93XX86A/B/C devices, which are 16K bit low-voltage serial Electrically Erasable PROMs (EEPROM).
The devices feature low-power CMOS technology, word-selectable options, program enable pin for write protection, self-timed ERASE/WRITE cycles, automatic ERAL before WRAL, power-on/off data protection circuitry, industry standard 3-wire serial I/O, device status signal, sequential READ function, 1,000,000 E/W cycles, and data retention of over 200 years.
The devices are available in different temperature ranges and package types.
The document also includes electrical characteristics, absolute maximum ratings, device selection table, pin function table, package types, and instruction sets for different word organizations.
Part No. | 93LC86C-ISN |
Manufacturer | MICROCHIP |
Size | 431 Kbytes |
Pages | 26 pages |
Description | 16K Microwire Compatible Serial EEPROM |