| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about ASPI104S Datasheet
# Example questions:
➢ What is the typical operating temperature range for the aspi-104s series inductors?
➢ What is the maximum dc resistance value listed in the table for the aspi-104s-151 component?
➢ For what types of applications are abracon’s products *not* specifically designed?
# LOW PROFILE SHIELDED SMD POWER INDUCTORS - ASPI-104S
## FEATURES:
· Magnetically shielded with ferrite core for low radiation.
· Mighty temperature deflection prevents damage during solder reflection.
· RoHS Compliant.
## APPLICATIONS:
· Desktop, notebook, servers
· Network hubs, bridges, routers
· XDSL, PBX base stations
· Power source circuits, DC/DC converters, DC/AC inverters
· Digital TV, DVD, Modem, setup box
· Battery charger
## SPECIFICATIONS:
· Operating Temperature: -40ºC to +85ºC
· Storage Temperature: -40ºC to +85ºC
· Test Frequency: 100KHz, 0.1V
· Tolerance: K = ±10%; M = ±20%
· Inductance (µH) and DC Resistance (Ω) & Saturation Current (A) & Irms (A) values are provided in a table for various part numbers (e.g., ASPI-104S-680, ASPI-104S-100).
## OPTIONS & PART IDENTIFICATION:
· ASPI-104S – xxx Series
## OUTLINE DIMENSIONS:
· Various dimensional values (A, B, C, D, E, F, K0, W, P, P0, P2, T) are provided in tables, specified in inches and millimeters.
## TAPE & REEL:
· Available as T= tape and reel (500pcs per reel).
## IMPORTANT NOTES:
· Products are COTS (Commercial-Off-The-Shelf) suitable for commercial, industrial, and automotive applications. Not designed for military, aerospace, or life-dependent medical applications without authorization. Contact Abracon for specific application requirements.
# LOW PROFILE SHIELDED SMD POWER INDUCTORS - ASPI-104S
## FEATURES:
· Magnetically shielded with ferrite core for low radiation.
· Mighty temperature deflection prevents damage during solder reflection.
· RoHS Compliant.
## APPLICATIONS:
· Desktop, notebook, servers
· Network hubs, bridges, routers
· XDSL, PBX base stations
· Power source circuits, DC/DC converters, DC/AC inverters
· Digital TV, DVD, Modem, setup box
· Battery charger
## SPECIFICATIONS:
· Operating Temperature: -40ºC to +85ºC
· Storage Temperature: -40ºC to +85ºC
· Test Frequency: 100KHz, 0.1V
· Tolerance: K = ±10%; M = ±20%
· Inductance (µH) and DC Resistance (Ω) & Saturation Current (A) & Irms (A) values are provided in a table for various part numbers (e.g., ASPI-104S-680, ASPI-104S-100).
## OPTIONS & PART IDENTIFICATION:
· ASPI-104S – xxx Series
## OUTLINE DIMENSIONS:
· Various dimensional values (A, B, C, D, E, F, K0, W, P, P0, P2, T) are provided in tables, specified in inches and millimeters.
## TAPE & REEL:
· Available as T= tape and reel (500pcs per reel).
## IMPORTANT NOTES:
· Products are COTS (Commercial-Off-The-Shelf) suitable for commercial, industrial, and automotive applications. Not designed for military, aerospace, or life-dependent medical applications without authorization. Contact Abracon for specific application requirements.
| Part No. | ASPI104S |
| Manufacturer | ABRACON |
| Size | 713 Kbytes |
| Pages | 2 pages |
| Description | LOW PROFILE SHIELDED SMD POWER INDUCTORS |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |