![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about AD9361BBCZ-REEL Datasheet
Example questions:
1. What is the frequency band range supported by the RF Agile Transceiver AD9361 according to the data sheet?
2. What is the noise figure of the receiver sensitivity at 800 MHz local oscillator (LO) for the AD9361 transceiver?
3. What are some of the applications mentioned for the AD9361 transceiver in the data sheet?
The RF Agile Transceiver Data Sheet AD9361 is a high-performance, highly integrated radio frequency transceiver designed for use in 3G and 4G base station applications.
It operates in the 70 MHz to 6.0 GHz range and supports TDD and FDD operation.
The transceiver features a RF front end with a flexible mixed-signal baseband section and integrated frequency synthesizers, making it ideal for a broad range of transceiver applications.
It includes dual receivers with superior sensitivity, dual transmitters with highly linear broadband transmission, and integrated fractional-N synthesizers.
The device can be powered directly from a 1.3 V regulator and is controlled via a standard 4-wire serial port and four real-time I/O control pins.
The AD9361 is packaged in a 10 mm × 10 mm, 144-ball chip scale package ball grid array (CSP_BGA).
The data sheet also includes detailed specifications and electrical characteristics for the receivers, transmitters, LO synthesizer, reference clock, auxiliary converters, and digital specifications.
Part No. | AD9361BBCZ-REEL |
Manufacturer | AD |
Size | 596 Kbytes |
Pages | 36 pages |
Description | RF Agile Transceiver |