Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA129 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about OPA129 Datasheet

  • # Example questions: ➢ Describe the importance of guarding and shielding when using the opa129, and explain how a circuit board layout can minimize leakage current and noise pickup.
    ➢ List three of these challenges and briefly explain why they make accurate measurements difficult.
    ➢ What is the primary reason for the non-standard pinout of the opa129, and how does it contribute to improved performance?

  • Part No.OPA129
    ManufacturerBURR-BROWN
    Size640 Kbytes
    Pages7 pages
    DescriptionUltra-Low Bias Current Difet OPERATIONAL AMPLIFIER
    Datasheet Summary with AI

    1. Product Overview & Key Features (OPA129)

    ️· Ultra-Low Input Bias Current: The primary selling point. Designed for extremely sensitive applications.
    ️· Non-Standard Pinout: Pin 1 and Pin 4 have no internal connection. This is *deliberate* to facilitate guarding around the inputs, which is vital for achieving low bias current performance.
    ️· Laser Trimmed: The input stage is laser trimmed, which typically reduces the need for external offset voltage trimming.
    ️· Applications Focus: Designed for high-impedance and low-current sensing applications.

    2. Applications and Circuit Considerations

    ️· Offset Voltage Trim (if necessary): A circuit can be used to trim offset voltage, but regulation of the supply voltages is required for best results.
    ️· Guarding:
    - Critical: A guard ring must completely surround the input terminals.
    - Connection: Guard ring connects to pin 8 (substrate).
    - Driving: The guard ring should be driven by a circuit node at the same potential as the op amp inputs.
    ️· Shielding: Careful shielding is essential to minimize noise pickup.
    ️· Board Layout:
    - Space for guard rings even with surface mount packages.
    - Short input connections.
    - Minimize board size and rigidity to prevent vibration.
    ️· Testing Challenges: Due to its high performance, the OPA129 is difficult to test accurately. Test equipment limitations and contamination are concerns.

    3. Specific Application Examples (with brief descriptions):

    ️· Current-to-Voltage Converter
    ️· High Impedance Amplifier: (e.g. 10 MΩ)
    ️· Piezoelectric Transducer Charge Amplifier
    ️· Sensitive Photodiode Amplifier

    4. Important Notes & Cautions

    ️· Test Socket Leakage: Potential source of error in testing.
    ️· Contamination: Keep packages and boards clean to prevent leakage.
    ️· Mechanical Stress: Prevent vibration and mechanical stress.
    ️· Electrostatic Interference: Protect against electrostatic and electromagnetic interference.
    ️· Humidity: Condensations can affect performance.

    Key Technical Specifications (Implied, not explicitly listed, but essential for understanding the product):

    ️· Extremely Low Input Bias Current: (The primary feature – the exact value is not specified, but it's the most important characteristic).
    ️· High Input Impedance: Essential for applications involving high impedance circuits.
    ️· Low Noise: Although not explicitly detailed, low noise performance is implied.



    In short, the OPA129 is a highly specialized op-amp for applications demanding incredibly low input bias current, and achieving its full potential requires careful circuit design and layout practices.

    1. Product Overview & Key Features (OPA129)

    ️· Ultra-Low Input Bias Current: The primary selling point. Designed for extremely sensitive applications.
    ️· Non-Standard Pinout: Pin 1 and Pin 4 have no internal connection. This is *deliberate* to facilitate guarding around the inputs, which is vital for achieving low bias current performance.
    ️· Laser Trimmed: The input stage is laser trimmed, which typically reduces the need for external offset voltage trimming.
    ️· Applications Focus: Designed for high-impedance and low-current sensing applications.

    2. Applications and Circuit Considerations

    ️· Offset Voltage Trim (if necessary): A circuit can be used to trim offset voltage, but regulation of the supply voltages is required for best results.
    ️· Guarding:
    - Critical: A guard ring must completely surround the input terminals.
    - Connection: Guard ring connects to pin 8 (substrate).
    - Driving: The guard ring should be driven by a circuit node at the same potential as the op amp inputs.
    ️· Shielding: Careful shielding is essential to minimize noise pickup.
    ️· Board Layout:
    - Space for guard rings even with surface mount packages.
    - Short input connections.
    - Minimize board size and rigidity to prevent vibration.
    ️· Testing Challenges: Due to its high performance, the OPA129 is difficult to test accurately. Test equipment limitations and contamination are concerns.

    3. Specific Application Examples (with brief descriptions):

    ️· Current-to-Voltage Converter
    ️· High Impedance Amplifier: (e.g. 10 MΩ)
    ️· Piezoelectric Transducer Charge Amplifier
    ️· Sensitive Photodiode Amplifier

    4. Important Notes & Cautions

    ️· Test Socket Leakage: Potential source of error in testing.
    ️· Contamination: Keep packages and boards clean to prevent leakage.
    ️· Mechanical Stress: Prevent vibration and mechanical stress.
    ️· Electrostatic Interference: Protect against electrostatic and electromagnetic interference.
    ️· Humidity: Condensations can affect performance.

    Key Technical Specifications (Implied, not explicitly listed, but essential for understanding the product):

    ️· Extremely Low Input Bias Current: (The primary feature – the exact value is not specified, but it's the most important characteristic).
    ️· High Input Impedance: Essential for applications involving high impedance circuits.
    ️· Low Noise: Although not explicitly detailed, low noise performance is implied.



    In short, the OPA129 is a highly specialized op-amp for applications demanding incredibly low input bias current, and achieving its full potential requires careful circuit design and layout practices.

    Part No.OPA129
    ManufacturerBURR-BROWN
    Size640 Kbytes
    Pages7 pages
    DescriptionUltra-Low Bias Current Difet OPERATIONAL AMPLIFIER