| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about CL432AD Datasheet
# Example questions:
➢ How does the output voltage (vref) change when the cathode current (ik) varies from 1ma to 100ma?
➢ What is the maximum allowable voltage that can be applied between the cathode and anode?
➢ Which package type exhibits the lowest thermal resistance (θja) and what is its value?
# CL432A: 1.25V Precision Adjustable Shunt Reference / Amplifier
## Features
️· Temperature-Compensated: 50ppm/°C
️· Trimmed 1% Bandgap Reference
️· Internal Amplifier with 150mA Capability
️· Nominal Temperature Range: 0°C to 105°C
️· Low Frequency Dynamic Output Impedance: < 150m
️· Low Output Noise
## Description
️· 3-terminal Adjustable Shunt Regulator
️· Accurate 1.25V bandgap reference with 1% tolerance
️· Offers thermal stability and wide operating current (100mA)
️· Suitable for voltage reference in isolated feedback circuits for 3.0V to 3.3V switching mode power supplies.
️· Operating voltage range: up to 10V
## Ordering Information
| Part Number | Package | Temperature Range |
|---|---|---|
| CL432ALP | TO-92 | 0°C to 105°C |
| CL432AD | 8-Pin Plastic SOIC | 0°C to 105°C |
| CL432AVS | SOT-23 | 0°C to 105°C |
| CL432AS | SOT-89 | 0°C to 105°C |
| Parameter | Rating | Unit |
|---|---|---|
| VKA (Cathode-Anode Reverse Breakdown) | 10 | V |
| IAK (Anode-Cathode Forward Current) | 1 | A |
| IKA (Operating Cathode Current) | 100 | mA |
| IREF (Reference Input Current) | 1 | mA |
| PD (Continuous Power) <br> TO-92 / SOIC / SOT-23 / SOT-89 | 775 / 750 / 1000 / 200 | mW |
| TJ (Junction Temperature) | 150 | °C |
| TSTG (Storage Temperature) | -65 to 150 | °C |
| TL (Lead Temperature, Soldering) | 300 | °C |
| Package | θJA (°C/W) | θJC (°C/W) | Typical Derating (mW/°C) |
|---|---|---|---|
| TO-92 | 160 | 80 | 6.3 |
| SOIC | 175 | 45 | 5.7 |
| SOT-23 | 575 | 150 | 1.7 |
| SOT-89 | 110 | 8 | 9.1 |
# CL432A: 1.25V Precision Adjustable Shunt Reference / Amplifier
## Features
️· Temperature-Compensated: 50ppm/°C
️· Trimmed 1% Bandgap Reference
️· Internal Amplifier with 150mA Capability
️· Nominal Temperature Range: 0°C to 105°C
️· Low Frequency Dynamic Output Impedance: < 150m
️· Low Output Noise
## Description
️· 3-terminal Adjustable Shunt Regulator
️· Accurate 1.25V bandgap reference with 1% tolerance
️· Offers thermal stability and wide operating current (100mA)
️· Suitable for voltage reference in isolated feedback circuits for 3.0V to 3.3V switching mode power supplies.
️· Operating voltage range: up to 10V
## Ordering Information
| Part Number | Package | Temperature Range |
|---|---|---|
| CL432ALP | TO-92 | 0°C to 105°C |
| CL432AD | 8-Pin Plastic SOIC | 0°C to 105°C |
| CL432AVS | SOT-23 | 0°C to 105°C |
| CL432AS | SOT-89 | 0°C to 105°C |
| Parameter | Rating | Unit |
|---|---|---|
| VKA (Cathode-Anode Reverse Breakdown) | 10 | V |
| IAK (Anode-Cathode Forward Current) | 1 | A |
| IKA (Operating Cathode Current) | 100 | mA |
| IREF (Reference Input Current) | 1 | mA |
| PD (Continuous Power) <br> TO-92 / SOIC / SOT-23 / SOT-89 | 775 / 750 / 1000 / 200 | mW |
| TJ (Junction Temperature) | 150 | °C |
| TSTG (Storage Temperature) | -65 to 150 | °C |
| TL (Lead Temperature, Soldering) | 300 | °C |
| Package | θJA (°C/W) | θJC (°C/W) | Typical Derating (mW/°C) |
|---|---|---|---|
| TO-92 | 160 | 80 | 6.3 |
| SOIC | 175 | 45 | 5.7 |
| SOT-23 | 575 | 150 | 1.7 |
| SOT-89 | 110 | 8 | 9.1 |
| Part No. | CL432AD |
| Manufacturer | CALOGIC |
| Size | 43 Kbytes |
| Pages | 3 pages |
| Description | 1.25VPrecision Adjustable Shunt Reference / Amplifier |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |