Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PVT412PBF Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PVT412PBF Datasheet

  • # Example questions: ➢ What safety precaution is highlighted in figure 6 regarding the control current, and why is it important to adhere to this limit?
    ➢ What are the key differences between the pvt412 and pvt412l models, specifically regarding their maximum on-state resistance and maximum load current?
    ➢ What temperature range is specified for the operating ambient temperature, and how does this impact the maximum load current for 'b' and 'c' connections?

  • Part No.PVT412PBF
    ManufacturerIRF
    Size1Mb
    Pages5 pages
    DescriptionHEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 140mA AC/DC
    Datasheet Summary with AI

    1. Product Identification & Trademark:

    ️· Product: PVT412 Series (specifically, PVT412PbF)
    ️· Trademark: HEXFET (used for International Rectifier's Power MOSFETs – this is important for context but isn't directly about the PVT412 itself)

    2. Product Type and Intended Use:

    ️· Type: Photovoltaic Relay (or optocoupler). It's a solid-state switch used to control voltage.
    ️· Intended Use: General-purpose switching applications. *Importantly:* International Rectifier discourages using this in aerospace, military, or life-support applications due to reliability and safety concerns.

    3. Electrical Specifications

    ️· Input Characteristics:
    - Minimum Control Current: 3.0 mA (for both PVT412L and PVT412)
    - Maximum Control Current: 25 mA
    - Maximum Reverse Voltage: 6.0 V
    ️· Output Characteristics:
    - Operating Voltage Range: 0 to ±400 V (DC or AC peak)
    - Maximum Load Current (at 5 mA control current):
    ■ A Connection: 120/140 mA (PVT412L/PVT412)
    ■ B Connection: 130/150 mA
    ■ C Connection: 200/210 mA
    - Maximum On-State Resistance:
    ■ A Connection: 35/27 mΩ
    ■ B Connection: 18 mΩ
    ■ C Connection: 9 mΩ
    - Maximum Off-State Leakage: 1.0 µA
    - Current Limit: 130/260 (A/C) mA
    - Turn-on Time: 2.0 ms
    - Turn-off Time: 0.5 ms
    - Thermal Offset Voltage: 0.5 µV
    - Output Capacitance: 12 pF

    4. General Characteristics & Environmental:

    ️· Minimum Dielectric Strength: 4000 V RMS
    ️· Insulation Resistance: 1012 Ω
    ️· Pin Soldering Temperature: +260 °C
    ️· Operating Temperature Range: -40 °C to +85 °C
    ️· Storage Temperature Range: -40 °C to +100 °C

    5. Important Notes & Warnings:

    ️· Current Limiting Required: The device must be used with a current-limiting circuit to ensure the control current doesn’t exceed 25 mA.
    ️· Derating: The output current capabilities are reduced at higher temperatures (+85°C).
    ️· Application Restriction: International Rectifier advises *against* using these in critical applications like aerospace, military, or life support.

    6. Figures (Summarized from captions):

    ️· Figure 1 & 2: Current Derating Curves (showing how current capability decreases at higher temperatures)
    ️· Figure 4: Typical Normalized On-Resistance (showing resistance vs. current)
    ️· Figure 6: Input Characteristics (Current Controlled)
    ️· Figure 9: Typical Output Capacitance

    1. Product Identification & Trademark:

    ️· Product: PVT412 Series (specifically, PVT412PbF)
    ️· Trademark: HEXFET (used for International Rectifier's Power MOSFETs – this is important for context but isn't directly about the PVT412 itself)

    2. Product Type and Intended Use:

    ️· Type: Photovoltaic Relay (or optocoupler). It's a solid-state switch used to control voltage.
    ️· Intended Use: General-purpose switching applications. *Importantly:* International Rectifier discourages using this in aerospace, military, or life-support applications due to reliability and safety concerns.

    3. Electrical Specifications

    ️· Input Characteristics:
    - Minimum Control Current: 3.0 mA (for both PVT412L and PVT412)
    - Maximum Control Current: 25 mA
    - Maximum Reverse Voltage: 6.0 V
    ️· Output Characteristics:
    - Operating Voltage Range: 0 to ±400 V (DC or AC peak)
    - Maximum Load Current (at 5 mA control current):
    ■ A Connection: 120/140 mA (PVT412L/PVT412)
    ■ B Connection: 130/150 mA
    ■ C Connection: 200/210 mA
    - Maximum On-State Resistance:
    ■ A Connection: 35/27 mΩ
    ■ B Connection: 18 mΩ
    ■ C Connection: 9 mΩ
    - Maximum Off-State Leakage: 1.0 µA
    - Current Limit: 130/260 (A/C) mA
    - Turn-on Time: 2.0 ms
    - Turn-off Time: 0.5 ms
    - Thermal Offset Voltage: 0.5 µV
    - Output Capacitance: 12 pF

    4. General Characteristics & Environmental:

    ️· Minimum Dielectric Strength: 4000 V RMS
    ️· Insulation Resistance: 1012 Ω
    ️· Pin Soldering Temperature: +260 °C
    ️· Operating Temperature Range: -40 °C to +85 °C
    ️· Storage Temperature Range: -40 °C to +100 °C

    5. Important Notes & Warnings:

    ️· Current Limiting Required: The device must be used with a current-limiting circuit to ensure the control current doesn’t exceed 25 mA.
    ️· Derating: The output current capabilities are reduced at higher temperatures (+85°C).
    ️· Application Restriction: International Rectifier advises *against* using these in critical applications like aerospace, military, or life support.

    6. Figures (Summarized from captions):

    ️· Figure 1 & 2: Current Derating Curves (showing how current capability decreases at higher temperatures)
    ️· Figure 4: Typical Normalized On-Resistance (showing resistance vs. current)
    ️· Figure 6: Input Characteristics (Current Controlled)
    ️· Figure 9: Typical Output Capacitance

    Part No.PVT412PBF
    ManufacturerIRF
    Size1Mb
    Pages5 pages
    DescriptionHEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-400V, 140mA AC/DC