1. Device Type & Series: ️· Type: Constant Current Devices (also referred to as "Current Mirrors" or "Current Regulators")
️· Series: CD5283 through CD5314 (A range of devices with similar functionality but differing characteristics)
️· Manufacturer: CDI Diodes (Contact information provided at the bottom of the document)
2. Key Electrical Characteristics (Table Summary - most important for understanding the devices):The following table summarizes the critical parameters of the CD5283 through CD5314 series. Note that "Nom" means nominal, "Min" means minimum, and "Max" indicates maximum values. These are design targets, and actual devices will vary slightly.
| Parameter |
Unit |
CD5283 |
CD5284 |
CD5285 |
CD5286 |
CD5287 |
CD5288 |
CD5289 |
CD5290 |
CD5291 |
CD5292 |
| Current (I) (Nom) |
mA |
0.22 |
0.24 |
0.27 |
0.30 |
0.33 |
0.39 |
0.43 |
0.47 |
0.56 |
0.62 |
| Current (I) (Min) |
mA |
0.198 |
0.216 |
0.243 |
0.270 |
0.297 |
0.351 |
0.387 |
0.423 |
0.504 |
0.558 |
| Current (I) (Max) |
mA |
0.242 |
0.264 |
0.297 |
0.330 |
0.363 |
0.429 |
0.473 |
0.517 |
0.616 |
0.682 |
| ZT (Max) |
|
25.0 |
19.0 |
14.0 |
9.0 |
6.6 |
|
|
|
|
|
| VL (Max) |
Volts |
1.00 |
1.00 |
1.00 |
1.00 |
1.00 |
|
|
|
|
|
| Parameter |
Unit |
CD5293 |
CD5294 |
CD5295 |
CD5296 |
CD5297 |
CD5298 |
CD5299 |
CD5300 |
CD5301 |
CD5302 |
| Current (I) (Nom) |
mA |
0.68 |
0.75 |
0.82 |
0.91 |
1.00 |
1.10 |
1.20 |
1.30 |
1.40 |
1.50 |
| Current (I) (Min) |
mA |
0.612 |
0.675 |
0.738 |
0.819 |
0.900 |
0.990 |
1.08 |
1.17 |
1.26 |
1.35 |
| Current (I) (Max) |
mA |
0.748 |
0.825 |
0.902 |
1.001 |
1.100 |
0.700 |
0.640 |
0.580 |
0.540 |
0.510 |
| ZT (Max) |
|
|
|
|
|
|
|
|
|
|
|
| VL (Max) |
Volts |
|
|
|
|
|
|
|
|
|
|
| Parameter |
Unit |
CD5303 |
CD5304 |
CD5305 |
CD5306 |
CD5307 |
CD5308 |
CD5309 |
CD5310 |
CD5311 |
CD5312 |
| Current (I) (Nom) |
mA |
1.60 |
1.80 |
2.00 |
2.20 |
2.40 |
2.70 |
3.00 |
3.30 |
3.60 |
3.90 |
| Current (I) (Min) |
mA |
1.44 |
1.62 |
1.80 |
1.98 |
2.20 |
2.43 |
2.70 |
2.97 |
3.24 |
3.51 |
| Current (I) (Max) |
mA |
1.76 |
1.98 |
2.20 |
2.42 |
2.64 |
2.97 |
3.30 |
3.63 |
3.96 |
4.29 |
| ZT (Max) |
|
|
|
|
|
|
|
|
|
|
|
| VL (Max) |
Volts |
|
|
|
|
|
|
|
|
|
|
| Parameter |
Unit |
CD5313 |
CD5314 |
| Current (I) (Nom) |
mA |
0.68 |
0.75 |
| Current (I) (Min) |
mA |
0.612 |
0.675 |
| Current (I) (Max) |
mA |
0.748 |
0.825 |
| ZT (Max) |
|
|
|
| VL (Max) |
Volts |
|
|
️· ZT: The device output voltage stability with respect to temperature and supply voltage variations. Higher values are better. ZT is defined as a function of the output voltage (VL) and input current (I).
️· VL (Maximum): The maximum allowable voltage across the device while maintaining the specified current regulation.
3. Physical Characteristics: ️· ChIP Thickness: 10 mils
️· Metallization:
- Top (Anode): Aluminum (Al) - 25,000 Å minimum thickness
- Back (Cathode): Gold (Au) - 4,000 Å minimum thickness
️· Tolerances: Most dimensions have a tolerance of +2 mils, with the Anode Pad having a tighter tolerance of +0.1 mils.
4. Notes/Definitions: ️· "Backside is Cathode": Indicates the polarity of the device.
️· "A = Anode": Indicates the Anode pin.