Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS294 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about CS294 Datasheet

  • # Example questions: ➢ What external components are required to complete the interrupter circuit?
    ➢ What is the maximum operating junction temperature for the cs294?
    ➢ What is the typical value for the amplifier open loop gain at 50khz?

  • Part No.CS294
    ManufacturerCHERRY
    Size120 Kbytes
    Pages4 pages
    DescriptionGround Fault Interrupter
    Datasheet Summary with AI

    # CS294 Ground Fault Interrupter Controller IC

    ## Description

    The CS294 is an AC outlet ground fault interrupter controller IC designed to detect hazardous grounding conditions and open circuits before a dangerous shock can occur. It includes an operational amplifier, SCR driver, and zener shunt regulator. External components needed are two sense coils, a bridge rectifier, a relay, and an SCR. It protects against both hot wire to ground and neutral wire to ground faults.

    ## Features

    · Supply Derived from AC Supply (24V)
    · Direct Interface to SCR
    · Adjustable Sensitivity
    · Grounded Neutral Fault Detection

    ## Package Options

    · 8 Lead PDIP
    · 8 Lead SO Narrow (Tape & Reel available)

    ## Pin Descriptions

    · VFB: Inverting input to operational amplifier
    · Filter: Non-inverting input to operational amplifier
    · Signal Common: Connected to +V S/2 and connects to resistors.
    · Gnd: Power return terminal
    · SCR Trigger: Drives the silicon controlled rectifier
    · +VS: Power input to the IC
    · Amp OUT: Output of operational amplifier
    · Detect: Detects electrical conditions.

    ## Electrical Specifications

    · Operating Junction Temperature: 150°C
    · Storage Temperature Range: -65°C to 150°C
    · Lead Temperature (Soldering): Wave (max 260°C), Reflow (max 230°C)



    ## Ordering Information

    Part Number Description
    CS294GN8 8 Lead PDIP
    CS294GD8 8 Lead SO Narrow
    CS294GDR8 8 Lead SO Narrow (tape & reel)

    # CS294 Ground Fault Interrupter Controller IC

    ## Description

    The CS294 is an AC outlet ground fault interrupter controller IC designed to detect hazardous grounding conditions and open circuits before a dangerous shock can occur. It includes an operational amplifier, SCR driver, and zener shunt regulator. External components needed are two sense coils, a bridge rectifier, a relay, and an SCR. It protects against both hot wire to ground and neutral wire to ground faults.

    ## Features

    · Supply Derived from AC Supply (24V)
    · Direct Interface to SCR
    · Adjustable Sensitivity
    · Grounded Neutral Fault Detection

    ## Package Options

    · 8 Lead PDIP
    · 8 Lead SO Narrow (Tape & Reel available)

    ## Pin Descriptions

    · VFB: Inverting input to operational amplifier
    · Filter: Non-inverting input to operational amplifier
    · Signal Common: Connected to +V S/2 and connects to resistors.
    · Gnd: Power return terminal
    · SCR Trigger: Drives the silicon controlled rectifier
    · +VS: Power input to the IC
    · Amp OUT: Output of operational amplifier
    · Detect: Detects electrical conditions.

    ## Electrical Specifications

    · Operating Junction Temperature: 150°C
    · Storage Temperature Range: -65°C to 150°C
    · Lead Temperature (Soldering): Wave (max 260°C), Reflow (max 230°C)



    ## Ordering Information

    Part Number Description
    CS294GN8 8 Lead PDIP
    CS294GD8 8 Lead SO Narrow
    CS294GDR8 8 Lead SO Narrow (tape & reel)

    Part No.CS294
    ManufacturerCHERRY
    Size120 Kbytes
    Pages4 pages
    DescriptionGround Fault Interrupter