| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about LC120 Datasheet
# Example questions:
➢ What is the maximum diameter (in inches) of the device body, as specified in the datasheet?
➢ What is the typical application guidance provided for selecting a tvs diode based on the provided datasheet excerpt?
➢ What is the maximum standoff voltage (vwm) for the lc170a tvs diode?
1. What is a TVS Diode?
️· A TVS diode is a semiconductor device designed to protect sensitive electronic circuits from voltage surges and transient events (like lightning strikes, inductive switching, or electrostatic discharge). They act like a variable resistor, with low resistance during normal operation and a very high resistance when a transient voltage occurs.
2. Document Contents:
️· Series: The datasheet covers a wide range of TVS diodes, identified by series names like LC54, LC58, LC60, LC64, LC70, LC75, LC80, LC90, LC100, LC110, LC120, LC130, LC150, LC160, and LC170.
️· Electrical Characteristics: For each series, the datasheet provides a detailed table of electrical specifications. Key parameters include:
- Repetitive Peak Reverse Voltage (Vr): The maximum reverse voltage that can be applied repeatedly without damage.
- Working Voltage (VW): The voltage at which the TVS diode will operate under normal conditions.
- Peak Pulse Power Dissipation (PP): The maximum power that the TVS diode can handle during a transient event.
- Clamping Voltage (Vc): The maximum voltage that the TVS diode will allow through during a transient. Lower clamping voltage is better, as it means less voltage stress on the protected circuit.
- Response Time: How quickly the diode reacts to a transient.
- Capacitance: The inherent capacitance of the diode.
️· Mechanical Dimensions: Detailed physical dimensions of the diodes, including lead lengths, body size, and lead spacing.
️· Marking Information: How the diodes are marked to identify their series.
️· Package Information: Information about the packaging options (DO-13 or DO-202AA).
️· Application Information: Guidance on how to select and use TVS diodes.
️· Summary Table: The last section contains a table summarizing the most essential specifications for all series, making it easier to quickly compare different options.
3. Summary Table Details (Key Information):
| Series | Vr (V) | VW (V) | PP (W) | Vc (V) @ I (A) |
|---|---|---|---|---|
| LC54 | 25.7 | 15.6 | 6.0 | 15.6 @ 1 |
| LC58 | 29.7 | 17.2 | 6.0 | 14.6 @ 1 |
| LC60 | 30 | 17.2 | 107 | 6.0 @ 1 |
| LC64 | 31 | 13.2 | 114 | 13.2 @ 1 |
| LC70 | 35 | 12.0 | 125 | 8.4 @ 1 |
| LC75 | 37 | 11.2 | 134 | 11.2 @ 1 |
| LC80 | 40 | 10.6 | 142 | 10.6 @ 1 |
| LC90 | 45 | 8.4 | 179 | 9.4 @ 1 |
| LC100 | 50 | 9.3 | 231 | 7.7 @ 1 |
| LC110 | 55 | 7.7 | 268 | 6.5 @ 1 |
| LC120 | 60 | 8.4 | 304 | 5.6 @ 1 |
| LC130 | 65 | 7.0 | 49 | 7.2 @ 1 |
| LC150 | 75 | 5.6 | 287 | 5.2 @ 1 |
| LC160 | 85 | 5.2 | 259 | 5.8 @ 1 |
| LC170 | 95 | 5.4 | 304 | 4.9 @ 1 |
1. What is a TVS Diode?
️· A TVS diode is a semiconductor device designed to protect sensitive electronic circuits from voltage surges and transient events (like lightning strikes, inductive switching, or electrostatic discharge). They act like a variable resistor, with low resistance during normal operation and a very high resistance when a transient voltage occurs.
2. Document Contents:
️· Series: The datasheet covers a wide range of TVS diodes, identified by series names like LC54, LC58, LC60, LC64, LC70, LC75, LC80, LC90, LC100, LC110, LC120, LC130, LC150, LC160, and LC170.
️· Electrical Characteristics: For each series, the datasheet provides a detailed table of electrical specifications. Key parameters include:
- Repetitive Peak Reverse Voltage (Vr): The maximum reverse voltage that can be applied repeatedly without damage.
- Working Voltage (VW): The voltage at which the TVS diode will operate under normal conditions.
- Peak Pulse Power Dissipation (PP): The maximum power that the TVS diode can handle during a transient event.
- Clamping Voltage (Vc): The maximum voltage that the TVS diode will allow through during a transient. Lower clamping voltage is better, as it means less voltage stress on the protected circuit.
- Response Time: How quickly the diode reacts to a transient.
- Capacitance: The inherent capacitance of the diode.
️· Mechanical Dimensions: Detailed physical dimensions of the diodes, including lead lengths, body size, and lead spacing.
️· Marking Information: How the diodes are marked to identify their series.
️· Package Information: Information about the packaging options (DO-13 or DO-202AA).
️· Application Information: Guidance on how to select and use TVS diodes.
️· Summary Table: The last section contains a table summarizing the most essential specifications for all series, making it easier to quickly compare different options.
3. Summary Table Details (Key Information):
| Series | Vr (V) | VW (V) | PP (W) | Vc (V) @ I (A) |
|---|---|---|---|---|
| LC54 | 25.7 | 15.6 | 6.0 | 15.6 @ 1 |
| LC58 | 29.7 | 17.2 | 6.0 | 14.6 @ 1 |
| LC60 | 30 | 17.2 | 107 | 6.0 @ 1 |
| LC64 | 31 | 13.2 | 114 | 13.2 @ 1 |
| LC70 | 35 | 12.0 | 125 | 8.4 @ 1 |
| LC75 | 37 | 11.2 | 134 | 11.2 @ 1 |
| LC80 | 40 | 10.6 | 142 | 10.6 @ 1 |
| LC90 | 45 | 8.4 | 179 | 9.4 @ 1 |
| LC100 | 50 | 9.3 | 231 | 7.7 @ 1 |
| LC110 | 55 | 7.7 | 268 | 6.5 @ 1 |
| LC120 | 60 | 8.4 | 304 | 5.6 @ 1 |
| LC130 | 65 | 7.0 | 49 | 7.2 @ 1 |
| LC150 | 75 | 5.6 | 287 | 5.2 @ 1 |
| LC160 | 85 | 5.2 | 259 | 5.8 @ 1 |
| LC170 | 95 | 5.4 | 304 | 4.9 @ 1 |
| Part No. | LC120 |
| Manufacturer | NJSEMI |
| Size | 175 Kbytes |
| Pages | 3 pages |
| Description | 1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |