![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about STMPS2242 Datasheet
Example questions:
1. What is the maximum continuous current per channel for the STMPS2242/2252/2262/2272 power switches?
2. What is the operating voltage range for the STMPS2242/2252/2262/2272 devices?
3. What type of protection is included in the STMPS2242/2252/2262/2272 power switches to prevent damage from overheating?
The document provides detailed information about the STMPS2242, STMPS2252, STMPS2262, and STMPS2272 enhanced dual-channel power switches.
These devices feature a 100 mΩ high-side MOSFET switch, thermal protection, independent short-circuit protection with overcurrent logic output, and an operating range from 2.7 V to 5.5 V.
They are designed for applications with heavy capacitive loads and short-circuits.
The document includes device summary, order codes, pin descriptions, functional description, maximum ratings, electrical specifications, operating characteristics, application information, and package mechanical data.
It also provides tables for device summary, pin descriptions, absolute maximum ratings, recommended operating conditions, electrical characteristics, and mechanical data.
Part No. | STMPS2242 |
Manufacturer | STMICROELECTRONICS |
Size | 1Mb Kbytes |
Pages | 42 pages |
Description | Enhanced dual-channel power switches |