| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about ADG799G_15 Datasheet
# Example questions:
➢ What are the typical and maximum output low voltages (vol) for the gpo1 and gpo2 pins when an iload of 2ma is applied?
➢ What is the typical supply current (idd) when the i2c interface is active and operating at a clock frequency of 400 khz?
➢ What is the maximum rise time (trda) of the sda signal in fast mode with a capacitive bus load (cb) of 400pf?
1. Overview & Purpose
The ADG799A/ADG799G are dual, bidirectional, logic-level CMOS switches designed for I2C bus applications. They allow for multiplexing data between multiple devices and offer bidirectional data flow. Key features include:
· Logic-Level Compatibility: Operates from a wide voltage range (2.7V to 5.5V), making it compatible with common logic levels.
· Bidirectional Switching: Data can flow in either direction through the switches.
· I2C Bus Support: Specifically designed for I2C communication protocols.
· Multiplexing: Allows for connecting multiple devices to a single bus line.
· Low On-Resistance (Ron): Minimizes signal degradation during switching.
2. Key Specifications (Table-Based Summary)
I've consolidated the most important specifications from the various tables (I2C Timing Specifications, Electrical Characteristics). Note that conditions (voltage, temperature) matter!
| Specification | Value (Typical/Min/Max) | Units | Notes |
|---|---|---|---|
| Supply Voltage (VDD) | 2.7 - 5.5 | V | Operating range |
| Logic-Level Range | 1.5 - 5.5 | V | Input voltage range for switching |
| I2C Bus Speed (Standard Mode) | 100 kHz | ||
| I2C Bus Speed (Fast Mode) | 400 kHz | ||
| I2C Bus Speed (High Speed Mode) | 3.4 MHz | ||
| Data Setup Time (t3) | 250 ns (Std), 100 ns (FM), 10 ns (HS) | ns | Data must be stable before SCL goes high |
| Data Hold Time (t42) | 0 ns (Std), 3.45 ns (FM), 0 ns (HS) | ns | Data must remain stable after SCL goes low |
| SDA Rise Time (t9) | 1000 ns (Std), 20 + 0.1CB (FM), 300 ns (HS) | ns | dependent on load capacitance (CB) |
| SCL Rise Time (t11) | Similar to SDA, depends on CB | ns | dependent on load capacitance (CB) |
| Static On-Resistance (Ron) | Typically < 1 Ω (at VDD = 5V) | Ω | Resistance when switch is ON |
| Input Leakage Current (IL) | Typically < 1 μA | μA | Current flowing through the switch when OFF |
| Static Current Consumption (IS) | 1 mA (I2C Active Mode) | mA | Typical current draw when switching |
| Floating State Output Capacitance | ~3 pF | pF | When the switch is off, the parasitic capacitance of the switch. |
| Output Low Voltage, ILOAD = 7mA | < 0.4V | V | Voltage at the output when sinking current |
1. Overview & Purpose
The ADG799A/ADG799G are dual, bidirectional, logic-level CMOS switches designed for I2C bus applications. They allow for multiplexing data between multiple devices and offer bidirectional data flow. Key features include:
· Logic-Level Compatibility: Operates from a wide voltage range (2.7V to 5.5V), making it compatible with common logic levels.
· Bidirectional Switching: Data can flow in either direction through the switches.
· I2C Bus Support: Specifically designed for I2C communication protocols.
· Multiplexing: Allows for connecting multiple devices to a single bus line.
· Low On-Resistance (Ron): Minimizes signal degradation during switching.
2. Key Specifications (Table-Based Summary)
I've consolidated the most important specifications from the various tables (I2C Timing Specifications, Electrical Characteristics). Note that conditions (voltage, temperature) matter!
| Specification | Value (Typical/Min/Max) | Units | Notes |
|---|---|---|---|
| Supply Voltage (VDD) | 2.7 - 5.5 | V | Operating range |
| Logic-Level Range | 1.5 - 5.5 | V | Input voltage range for switching |
| I2C Bus Speed (Standard Mode) | 100 kHz | ||
| I2C Bus Speed (Fast Mode) | 400 kHz | ||
| I2C Bus Speed (High Speed Mode) | 3.4 MHz | ||
| Data Setup Time (t3) | 250 ns (Std), 100 ns (FM), 10 ns (HS) | ns | Data must be stable before SCL goes high |
| Data Hold Time (t42) | 0 ns (Std), 3.45 ns (FM), 0 ns (HS) | ns | Data must remain stable after SCL goes low |
| SDA Rise Time (t9) | 1000 ns (Std), 20 + 0.1CB (FM), 300 ns (HS) | ns | dependent on load capacitance (CB) |
| SCL Rise Time (t11) | Similar to SDA, depends on CB | ns | dependent on load capacitance (CB) |
| Static On-Resistance (Ron) | Typically < 1 Ω (at VDD = 5V) | Ω | Resistance when switch is ON |
| Input Leakage Current (IL) | Typically < 1 μA | μA | Current flowing through the switch when OFF |
| Static Current Consumption (IS) | 1 mA (I2C Active Mode) | mA | Typical current draw when switching |
| Floating State Output Capacitance | ~3 pF | pF | When the switch is off, the parasitic capacitance of the switch. |
| Output Low Voltage, ILOAD = 7mA | < 0.4V | V | Voltage at the output when sinking current |
| Part No. | ADG799G_15 |
| Manufacturer | AD |
| Size | 574 Kbytes |
| Pages | 24 pages |
| Description | Compatible, Wide Bandwidth |
| Privacy Policy |
| ALLDATASHEET.NET |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |