Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL302ST-1R24 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PL302ST-1R24 Datasheet

  • # Example questions: ➢ What is the typical luminous intensity, in mcd, emitted by the red led at a forward current of 20ma?
    ➢ What is the maximum permissible forward current for this led under continuous operating conditions?
    ➢ Within what temperature range can this led be safely operated without damaging its performance?

  • Part No.PL302ST-1R24
    ManufacturerP-TEC
    Size41 Kbytes
    Pages1 page
    DescriptionRight Angle PCB Indicator
    Datasheet Summary with AI

    # PL302ST Series 3mm LED Right Angle Single Holder

    ## General Features

    ️· Description: Right Angle PCB Indicator with a single Red LED.
    ️· Material: Black Nylon UL94V-2 Housing.
    ️· Compliance: RoHS Compliant.
    ️· Dimensions: All dimensions in Millimeters. Tolerance is ± 0.5mm unless otherwise specified.

    ## Electrical & Optical Characteristics (PL302ST-1R24)

    ️· Emitting Color: Red
    ️· Chip Material: GaP
    ️· Peak Wave Length: 700 nm
    ️· Dominant Wave Length: 650 nm
    ️· Viewing Angle (2θ ½): 55°
    ️· Forward Voltage @ 20mA: 2.1 V (Typ)
    ️· Luminous Intensity @ 20mA: 3.0 mcd (Typ)

    ## Absolute Maximum Ratings


    ️· Power Dissipation: 90 mW
    ️· Reverse Voltage: 5.0 V
    ️· Max Forward Current: 30 mA
    ️· Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width): 100 mA
    ️· Operating Temperature Range: -25°C to +85°C
    ️· Storage Temperature Range: -40°C to +100°C
    ️· Soldering Temperature (1.6 mm below body): 260° C for 5 seconds

    ## Design & Construction

    ️· Stand-off: Prevents flux entrapment.
    ️· Housing: Black Nylon UL94V-2.
    ️· LED: Single Red LED with Color Diffused Lens.

    # PL302ST Series 3mm LED Right Angle Single Holder

    ## General Features

    ️· Description: Right Angle PCB Indicator with a single Red LED.
    ️· Material: Black Nylon UL94V-2 Housing.
    ️· Compliance: RoHS Compliant.
    ️· Dimensions: All dimensions in Millimeters. Tolerance is ± 0.5mm unless otherwise specified.

    ## Electrical & Optical Characteristics (PL302ST-1R24)

    ️· Emitting Color: Red
    ️· Chip Material: GaP
    ️· Peak Wave Length: 700 nm
    ️· Dominant Wave Length: 650 nm
    ️· Viewing Angle (2θ ½): 55°
    ️· Forward Voltage @ 20mA: 2.1 V (Typ)
    ️· Luminous Intensity @ 20mA: 3.0 mcd (Typ)

    ## Absolute Maximum Ratings

    ️· Power Dissipation: 90 mW
    ️· Reverse Voltage: 5.0 V
    ️· Max Forward Current: 30 mA
    ️· Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width): 100 mA
    ️· Operating Temperature Range: -25°C to +85°C
    ️· Storage Temperature Range: -40°C to +100°C
    ️· Soldering Temperature (1.6 mm below body): 260° C for 5 seconds

    ## Design & Construction

    ️· Stand-off: Prevents flux entrapment.
    ️· Housing: Black Nylon UL94V-2.
    ️· LED: Single Red LED with Color Diffused Lens.

    Part No.PL302ST-1R24
    ManufacturerP-TEC
    Size41 Kbytes
    Pages1 page
    DescriptionRight Angle PCB Indicator