Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Datasheet with Chat AI
Datasheet Images
Datasheet Details
Part No.UT3243L-R28-R
MfrUTC
Size272 Kbytes
Pages9 pages
DescriptionMULTICHANNAEL RS-232 LINE DRIVERS/RECEIVERS
Datasheet SummaryAI
# UT3243 CMOS IC

## Overview
The UT3243 is a 3-driver, 5-receiver RS-232 line transceiver designed for notebook computers and operates from +3.0V to +5.5V. It supports data rates up to 235kbps and features a low-power shutdown mode with 1µA current consumption.

## Features
️· Power Supply: +3.0V to +5.5V
️· Drivers/Receivers: 3 Drivers, 5 Receivers
️· Data Rate: Up to 235 kbps
️· Standby Current: 1µA (typical)
️· External Capacitors: Requires 4 x 0.1µF capacitors
️· Logic Input: Accepts 5.0V logic with 3.3V supply
️· Always-Active Receiver: R2OUTB for monitoring in shutdown
️· ESD Protection: ±8kV (HBM)

## Pin Configuration
️· C1+, C1-, C2+, C2-: Charge pump capacitors
️· RXIN (R1IN-R5IN): RS-232 receiver inputs
️· TXOUT (T1OUT-T3OUT): RS-232 transmitter outputs
️· TXIN (T1IN-T3IN): TTL/CMOS transmitter inputs
️· RXOUT (R1OUT-R5OUT): TTL/CMOS receiver outputs
️· R2OUTB: Always-active non-inverting receiver output
️· FORCEON: Override for transmitter activation.
️· FORCEOFF: Shutdown control; drives low to disable.
️· VCC: +3.0V to +5.5V supply voltage

## Electrical Characteristics
️· Supply Current (Shutdown): 1µA (typical)
️· Data Rate: 120kbps (guaranteed), 235kbps (typical)
️· Input Voltage Range (R_IN): ±25V
️· Output Voltage Swing (T_OUT): ±4.8V to ±5.4V

## Shutdown Function
️· Enters shutdown when no valid signal is detected on receiver inputs, reducing current consumption to 1µA.
️· FORCEON/FORCEOFF pins override automatic shutdown control.

## Ordering Information
️· Package Options: TSSOP-28, SSOP-28
️· Packing Options: Tube, Tape Reel
️· Lead/Halogen Options: Lead-Free (L), Halogen-Free (G)
UT3243L-R28-R Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about UT3243L-R28-R Datasheet.
    Example questions: ➤ Describe the functionality of the r2outb output in the ut3243's receivers. what advantage does it offer compared to standard receiver outputs?➤ What is the primary function of the charge-pump voltage converter within the ut3243, and how does it adapt to varying input voltages?➤ Explain the shutdown function of the ut3243, including the conditions that trigger it, the resulting power consumption, and how the invalid output signal is used in conjunction with the shutdown mechanism.
  • Datasheet Details
    Part No.UT3243L-R28-R
    ManufacturerUTC
    Size272 Kbytes
    Pages9 pages
    DescriptionMULTICHANNAEL RS-232 LINE DRIVERS/RECEIVERS
    Datasheet Summary AI Expand summary
    # UT3243 CMOS IC

    ## Overview
    The UT3243 is a 3-driver, 5-receiver RS-232 line transceiver designed for notebook computers and operates from +3.0V to +5.5V. It supports data rates up to 235kbps and features a low-power shutdown mode with 1µA current consumption.

    ## Features
    ️· Power Supply: +3.0V to +5.5V
    ️· Drivers/Receivers: 3 Drivers, 5 Receivers
    ️· Data Rate: Up to 235 kbps
    ️· Standby Current: 1µA (typical)
    ️· External Capacitors: Requires 4 x 0.1µF capacitors
    ️· Logic Input: Accepts 5.0V logic with 3.3V supply
    ️· Always-Active Receiver: R2OUTB for monitoring in shutdown
    ️· ESD Protection: ±8kV (HBM)

    ## Pin Configuration
    ️· C1+, C1-, C2+, C2-: Charge pump capacitors
    ️· RXIN (R1IN-R5IN): RS-232 receiver inputs
    ️· TXOUT (T1OUT-T3OUT): RS-232 transmitter outputs
    ️· TXIN (T1IN-T3IN): TTL/CMOS transmitter inputs
    ️· RXOUT (R1OUT-R5OUT): TTL/CMOS receiver outputs
    ️· R2OUTB: Always-active non-inverting receiver output
    ️· FORCEON: Override for transmitter activation.
    ️· FORCEOFF: Shutdown control; drives low to disable.
    ️· VCC: +3.0V to +5.5V supply voltage

    ## Electrical Characteristics
    ️· Supply Current (Shutdown): 1µA (typical)
    ️· Data Rate: 120kbps (guaranteed), 235kbps (typical)
    ️· Input Voltage Range (R_IN): ±25V
    ️· Output Voltage Swing (T_OUT): ±4.8V to ±5.4V

    ## Shutdown Function
    ️· Enters shutdown when no valid signal is detected on receiver inputs, reducing current consumption to 1µA.
    ️· FORCEON/FORCEOFF pins override automatic shutdown control.

    ## Ordering Information
    ️· Package Options: TSSOP-28, SSOP-28
    ️· Packing Options: Tube, Tape Reel
    ️· Lead/Halogen Options: Lead-Free (L), Halogen-Free (G)