| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SMDA12C Datasheet
# Example questions:
➢ What is the primary function of the smda/b series of products, as described in the documentation?
➢ What distinguishes the devices with a 'c' suffix from those without, according to the specifications?
➢ What key electrical characteristic is mentioned as being crucial for selecting the appropriate tvs product for a given application?
## Summary of MCC SMDA/B03-B24C Transient Voltage Suppressor Data Sheet
This document provides technical specifications and characteristics for MCC's SMDA/B03 through SMDA/B24C series of Transient Voltage Suppressors (TVS) diodes. These devices are designed for board-level protection against voltage transients caused by ESD, EFT, and secondary lighting.
1. Device Overview:
️· Type: TVS Diodes (Unidirectional and Bidirectional options)
️· Applications: Board-level protection against ESD, EFT, and secondary lighting effects.
️· Target Components: Protection for DRAMs, SRAMs, CMOS, HCMOS, HSIC, and low voltage interfaces.
️· Package: SO-8 Surface Mount
2. Key Features:
️· Wide Voltage Range: Covering a range from 3.3V to 24V breakdown voltage (VBR).
️· Various Capacitance Levels: Offering capacitance values ranging from 1pF to 185pF to suit different circuit requirements.
️· Bidirectional Option: Part numbers with a "C" suffix indicate bidirectional devices.
️· Temperature Coefficient: The breakdown voltage (VBR) has a temperature coefficient (indicated in the table) ranging from -3 to -5 mV/°C.
️· Mechanical details: Molded SO-8 surface mount package, pin #1 defined by a dot.
3. Table of Specifications (Key Data):
The data sheet includes a comprehensive table outlining parameters for each part number. Key parameters include:
| Parameter | Description | Unit |
|---|---|---|
| VWM (Stand-off Voltage) | Maximum DC Blocking Voltage | Volts |
| VBR (@1mA) | Breakdown Voltage | Volts |
| Vc (@1A) | Clamping Voltage at 1 Amp | Volts |
| Vc (@5A) | Clamping Voltage at 5 Amp | Volts |
| ID (@VWM) | Leakage Current at Stand-off Voltage | µA |
| C (at 1MHz, 0V) | Capacitance | pF |
| Temperature Coefficient of VBR | mV/°C |
## Summary of MCC SMDA/B03-B24C Transient Voltage Suppressor Data Sheet
This document provides technical specifications and characteristics for MCC's SMDA/B03 through SMDA/B24C series of Transient Voltage Suppressors (TVS) diodes. These devices are designed for board-level protection against voltage transients caused by ESD, EFT, and secondary lighting.
1. Device Overview:
️· Type: TVS Diodes (Unidirectional and Bidirectional options)
️· Applications: Board-level protection against ESD, EFT, and secondary lighting effects.
️· Target Components: Protection for DRAMs, SRAMs, CMOS, HCMOS, HSIC, and low voltage interfaces.
️· Package: SO-8 Surface Mount
2. Key Features:
️· Wide Voltage Range: Covering a range from 3.3V to 24V breakdown voltage (VBR).
️· Various Capacitance Levels: Offering capacitance values ranging from 1pF to 185pF to suit different circuit requirements.
️· Bidirectional Option: Part numbers with a "C" suffix indicate bidirectional devices.
️· Temperature Coefficient: The breakdown voltage (VBR) has a temperature coefficient (indicated in the table) ranging from -3 to -5 mV/°C.
️· Mechanical details: Molded SO-8 surface mount package, pin #1 defined by a dot.
3. Table of Specifications (Key Data):
The data sheet includes a comprehensive table outlining parameters for each part number. Key parameters include:
| Parameter | Description | Unit |
|---|---|---|
| VWM (Stand-off Voltage) | Maximum DC Blocking Voltage | Volts |
| VBR (@1mA) | Breakdown Voltage | Volts |
| Vc (@1A) | Clamping Voltage at 1 Amp | Volts |
| Vc (@5A) | Clamping Voltage at 5 Amp | Volts |
| ID (@VWM) | Leakage Current at Stand-off Voltage | µA |
| C (at 1MHz, 0V) | Capacitance | pF |
| Temperature Coefficient of VBR | mV/°C |
| Part No. | SMDA12C |
| Manufacturer | MCC |
| Size | 143 Kbytes |
| Pages | 2 pages |
| Description | TVSarray Series |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |