![]() |
Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 93LC46AB Datasheet
Example questions:
1. What is the maximum standby current for the 93LC46A/B serial Electrically Erasable PROMs?
2. What is the data retention period guaranteed for the 93LC46AX/BX devices?
3. Which temperature range is the 93LC46AX/BX available for in the Commercial (C) package type?
The 93LC46AX/BX is a low voltage serial Electrically Erasable PROM with a single supply operation down to 2.5V.
It features low power CMOS technology, self-timed ERASE and WRITE cycles, automatic ERAL before WRAL, and power on/off data protection circuitry.
It has an industry standard 3-wire serial interface, sequential READ function, and 1,000,000 E/W cycles guaranteed.
The device is available in 8-pin PDIP/SOIC and 8-pin TSSOP packages and for commercial and industrial temperature ranges.
The device has various pin functions and electrical characteristics, and it offers instructions for ERASE, ERAL, EWDS, EWEN, READ, WRITE, and WRAL.
The device also provides data protection during power-up and power-down.
The ERASE instruction forces all data bits of the specified address to the logical “1” state, while the ERAL instruction erases the entire memory array to the logical “1” state.
The DO pin indicates the READY/BUSY status of the device during programming operations.
Part No. | 93LC46AB |
Manufacturer | MICROCHIP |
Size | 250 Kbytes |
Pages | 12 pages |
Description | 1K 2.5V Microwire Serial EEPROM |