Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS70 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about BAS70 Datasheet

  • # Example questions: ➢ How does the ‘-04’ suffix affect the characteristics of the available devices?
    ➢ What are the available packaging options, and how many pieces are included in each?
    ➢ What is the maximum allowable power dissipation for these diodes when operating at an ambient temperature of 25°c?

  • Part No.BAS70
    ManufacturerMICROSEMI
    Size122 Kbytes
    Pages2 pages
    DescriptionSCHOTTKY array??SERIES
    Datasheet Summary with AI

    Schottky Barrier Diodes (BAS40 & BAS70 Series)

    Description

    ️· General-purpose Schottky barrier diodes in SOT-23 packages.
    ️· Used for high-speed switching, mixers, detectors, and signal termination.
    ️· Helps maintain signal integrity and reduce signal reflections.
    ️· Provides stabilization for clock, data, address, and control lines.

    Features

    ️· Line-to-VCC and line-to-ground protection
    ️· Clamps within one forward diode threshold voltage
    ️· Low forward voltage and reverse recovery
    ️· Bidirectional low-forward available with “-04” suffix
    ️· SOT-23 Surface Mount packaging

    Maximum Ratings

    ️· Operating Temperature: -55°C to +125°C
    ️· Storage Temperature: -55°C to +150°C
    ️· Power Dissipation: 200 mW
    ️· Forward Continuous Current: 200 mA
    ️· Surge Forward Current: 600 mA

    Electrical Characteristics (per diode @ 25°C)

    Device Type Marking VRRM (Volts) V(BR)R (Volts) IF=1mA (mV) IF=40mA (mV) trr (ns)
    BAS40 43 40 380 5 430
    BAS40-04 44 40 380 5 430
    BAS40-05 45 40 380 5 430
    BAS40-06 46 40 380 5 430
    BAS70 73 70 410 5 430
    BAS70-04 74 70 410 5 430
    BAS70-05 75 70 410 5 430
    BAS70-06 76 70 410 5 430

    Packaging

    ️· Tape & Reel (EIA Standard 481)
    ️· 7-inch reel: 3,000 pieces
    ️· 13-inch reel: 10,000 pieces

    Mechanical

    ️· Molded SOT-23 Surface Mount
    ️· Weight: Approximately 0.008 grams
    ️· Body Marked with device number

    Schottky Barrier Diodes (BAS40 & BAS70 Series)

    Description

    ️· General-purpose Schottky barrier diodes in SOT-23 packages.
    ️· Used for high-speed switching, mixers, detectors, and signal termination.
    ️· Helps maintain signal integrity and reduce signal reflections.
    ️· Provides stabilization for clock, data, address, and control lines.

    Features

    ️· Line-to-VCC and line-to-ground protection
    ️· Clamps within one forward diode threshold voltage
    ️· Low forward voltage and reverse recovery
    ️· Bidirectional low-forward available with “-04” suffix
    ️· SOT-23 Surface Mount packaging

    Maximum Ratings

    ️· Operating Temperature: -55°C to +125°C
    ️· Storage Temperature: -55°C to +150°C
    ️· Power Dissipation: 200 mW
    ️· Forward Continuous Current: 200 mA
    ️· Surge Forward Current: 600 mA

    Electrical Characteristics (per diode @ 25°C)

    Device Type Marking VRRM (Volts) V(BR)R (Volts) IF=1mA (mV) IF=40mA (mV) trr (ns)
    BAS40 43 40 380 5 430
    BAS40-04 44 40 380 5 430
    BAS40-05 45 40 380 5 430
    BAS40-06 46 40 380 5 430
    BAS70 73 70 410 5 430
    BAS70-04 74 70 410 5 430
    BAS70-05 75 70 410 5 430
    BAS70-06 76 70 410 5 430

    Packaging

    ️· Tape & Reel (EIA Standard 481)
    ️· 7-inch reel: 3,000 pieces
    ️· 13-inch reel: 10,000 pieces

    Mechanical

    ️· Molded SOT-23 Surface Mount
    ️· Weight: Approximately 0.008 grams
    ️· Body Marked with device number

    Part No.BAS70
    ManufacturerMICROSEMI
    Size122 Kbytes
    Pages2 pages
    DescriptionSCHOTTKY array??SERIES