Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS3262 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LS3262 Datasheet

  • # Example questions: ➢ What are the absolute maximum ratings for the operating temperature (top) and storing temperature (tst) of the lsi ls3262?
    ➢ What is the function of the 'oi' pad?
    ➢ What is the typical supply voltage (vdd) for the lsi ls3262?

  • Part No.LS3262
    ManufacturerBOWIN
    Size92 Kbytes
    Pages9 pages
    Description4 Digit Alarm Clock With Calendar
    Datasheet Summary with AI

    1. Overview & Purpose

    ️· Chip Type: LS3262 is a single-chip CMOS real-time clock (RTC) and alarm generator specifically designed for low-power digital clocks and similar applications. It integrates a crystal oscillator, a counter/timer, alarm functions, a serial interface (not explicitly described but implied in the pinout), and output drivers for LCD display and buzzer control.
    ️· Target Applications: Digital clocks, calendar functions, alarm systems, timers, and other applications where precise timekeeping and low power consumption are crucial.

    2. Key Features

    ️· Integrated Crystal Oscillator: Simplifies circuit design and reduces component count.
    ️· Real-Time Clock (RTC): Maintains the date and time.
    ️· Alarm Function: Programmable alarm outputs for wake-up or event signaling.
    ️· BCD (Binary-Coded Decimal) Output: Data output in BCD format, common for clock/calendar systems.
    ️· Low Power Consumption: Optimized for battery-powered operation.
    ️· LCD Drive Capability: Includes outputs to drive an LCD display for time and date information.
    ️· Buzzer Output: For audible alarms or clock sounds.
    ️· Crystal-less: Although a crystal oscillator is preferred, the datasheet implies the device *could* function without a crystal, although its accuracy would be significantly reduced. (Not explicitly stated, but implied.)
    ️· BCD Output: The device outputs the time and date in BCD format, which is standard for clock and calendar systems.

    3. Pinout and Functionality


    ️· Power:
    - `VDD`: +1.5V power supply (operating voltage range 1.25V to 1.7V)
    - `GND`: Ground
    - `VEE`: -1.5V output (likely used in a voltage doubler circuit to generate the required voltage for certain output drivers or internal logic).
    - `V1`, `V2`: Outputs from a voltage doubler circuit, likely used for driving the LCD.
    ️· Oscillator:
    - `OI`: Oscillator Input
    - `OO`: Oscillator Output
    - `TEST1`, `TEST2`: Test Pins (likely used for factory testing and calibration)
    ️· Output Drivers:
    - `B0`, `B1`: Buzzer output pins.
    - `C[1:2]`: LCD Common output pins.
    - `S[1:14]`: LCD Segment output pins (connected to the LCD display segments to form the time/date characters).
    - `CHIME`: Another LCD-related output.
    ️· Control & Configuration:
    - `I[0:5]`: Input pins, which could be used for setting flags, setting alarm timing, or interacting with a serial interface (if present).
    - `SET`: Likely for setting the time/date.
    - `MODE`: Likely to switch between different display modes or configuration options.
    - `PB`: Likely used for a pull-down or other functionality.
    ️· LCD Signals:
    - `PM`, `ALM`, `ADEG1`: LCD-related output signals (for driving the LCD segments).
    - `COL`: Column selection for the LCD.
    - `*`): Likely a clear/reset signal for the LCD

    4. Electrical Characteristics

    ️· Operating Voltage: 1.25V to 1.7V
    ️· Power Consumption: Very low, around 2-5 µA without load.
    ️· Oscillator Frequency: Designed for a 32 kHz crystal.
    ️· Output Drive Capability: The LCD and buzzer outputs have specific current drive capabilities, which need to be considered when designing the external circuitry.
    ️· Frequency Stability: The frequency is relatively stable but subject to some drift, with a tolerance of ±10 ppm.

    5. Physical Characteristics

    ️· Chip Size: 2690 µm x 2120 µm
    ️· Pinout Layout: The datasheet includes a detailed pinout layout, which is crucial for proper PCB layout and connection.

    6. Important Considerations

    ️· Crystal Oscillator: While crystal-less operation may be possible, it's *highly* recommended to use a 32 kHz crystal for accurate timekeeping.
    ️· External Components: The datasheet only provides a general overview. You will likely need external components (resistors, capacitors, voltage multipliers) for proper operation, especially for the voltage doubler and LCD drive circuitry.
    ️· Serial Interface: The datasheet does *not* provide details on the serial communication protocol. Additional documentation or reverse engineering may be required to implement serial communication.
    ️· Software/Firmware: The chip needs a control system or firmware to handle RTC functionality, alarm operations, and LCD display control.

    1. Overview & Purpose

    ️· Chip Type: LS3262 is a single-chip CMOS real-time clock (RTC) and alarm generator specifically designed for low-power digital clocks and similar applications. It integrates a crystal oscillator, a counter/timer, alarm functions, a serial interface (not explicitly described but implied in the pinout), and output drivers for LCD display and buzzer control.
    ️· Target Applications: Digital clocks, calendar functions, alarm systems, timers, and other applications where precise timekeeping and low power consumption are crucial.

    2. Key Features

    ️· Integrated Crystal Oscillator: Simplifies circuit design and reduces component count.
    ️· Real-Time Clock (RTC): Maintains the date and time.
    ️· Alarm Function: Programmable alarm outputs for wake-up or event signaling.
    ️· BCD (Binary-Coded Decimal) Output: Data output in BCD format, common for clock/calendar systems.
    ️· Low Power Consumption: Optimized for battery-powered operation.
    ️· LCD Drive Capability: Includes outputs to drive an LCD display for time and date information.
    ️· Buzzer Output: For audible alarms or clock sounds.
    ️· Crystal-less: Although a crystal oscillator is preferred, the datasheet implies the device *could* function without a crystal, although its accuracy would be significantly reduced. (Not explicitly stated, but implied.)
    ️· BCD Output: The device outputs the time and date in BCD format, which is standard for clock and calendar systems.

    3. Pinout and Functionality


    ️· Power:
    - `VDD`: +1.5V power supply (operating voltage range 1.25V to 1.7V)
    - `GND`: Ground
    - `VEE`: -1.5V output (likely used in a voltage doubler circuit to generate the required voltage for certain output drivers or internal logic).
    - `V1`, `V2`: Outputs from a voltage doubler circuit, likely used for driving the LCD.
    ️· Oscillator:
    - `OI`: Oscillator Input
    - `OO`: Oscillator Output
    - `TEST1`, `TEST2`: Test Pins (likely used for factory testing and calibration)
    ️· Output Drivers:
    - `B0`, `B1`: Buzzer output pins.
    - `C[1:2]`: LCD Common output pins.
    - `S[1:14]`: LCD Segment output pins (connected to the LCD display segments to form the time/date characters).
    - `CHIME`: Another LCD-related output.
    ️· Control & Configuration:
    - `I[0:5]`: Input pins, which could be used for setting flags, setting alarm timing, or interacting with a serial interface (if present).
    - `SET`: Likely for setting the time/date.
    - `MODE`: Likely to switch between different display modes or configuration options.
    - `PB`: Likely used for a pull-down or other functionality.
    ️· LCD Signals:
    - `PM`, `ALM`, `ADEG1`: LCD-related output signals (for driving the LCD segments).
    - `COL`: Column selection for the LCD.
    - `*`): Likely a clear/reset signal for the LCD

    4. Electrical Characteristics

    ️· Operating Voltage: 1.25V to 1.7V
    ️· Power Consumption: Very low, around 2-5 µA without load.
    ️· Oscillator Frequency: Designed for a 32 kHz crystal.
    ️· Output Drive Capability: The LCD and buzzer outputs have specific current drive capabilities, which need to be considered when designing the external circuitry.
    ️· Frequency Stability: The frequency is relatively stable but subject to some drift, with a tolerance of ±10 ppm.

    5. Physical Characteristics

    ️· Chip Size: 2690 µm x 2120 µm
    ️· Pinout Layout: The datasheet includes a detailed pinout layout, which is crucial for proper PCB layout and connection.

    6. Important Considerations

    ️· Crystal Oscillator: While crystal-less operation may be possible, it's *highly* recommended to use a 32 kHz crystal for accurate timekeeping.
    ️· External Components: The datasheet only provides a general overview. You will likely need external components (resistors, capacitors, voltage multipliers) for proper operation, especially for the voltage doubler and LCD drive circuitry.
    ️· Serial Interface: The datasheet does *not* provide details on the serial communication protocol. Additional documentation or reverse engineering may be required to implement serial communication.
    ️· Software/Firmware: The chip needs a control system or firmware to handle RTC functionality, alarm operations, and LCD display control.

    Part No.LS3262
    ManufacturerBOWIN
    Size92 Kbytes
    Pages9 pages
    Description4 Digit Alarm Clock With Calendar