Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSC032N03S Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about BSC032N03S Datasheet

  • Example questions:
    1. What is the maximum continuous drain current for the BSC032N03S OptiMOS®2 Power-Transistor at a case temperature of 25 °C?
    2. What is the maximum power dissipation for the BSC032N03S OptiMOS®2 Power-Transistor at a case temperature of 25 °C?
    3. What is the maximum avalanche energy for a single pulse for the BSC032N03S OptiMOS®2 Power-Transistor with a drain current of 50 A and a gate-source resistance of 25 Ω?

  • Part No.BSC032N03S
    ManufacturerINFINEON
    Size301 Kbytes
    Pages10 pages
    DescriptionOptiMOS2 Power-Transistor
    Datasheet Summary with AI

    The BSC032N03S is an OptiMOS®2 Power-Transistor designed for fast switching in SMPS and optimized for notebook DC/DC converters.
    It is N-channel, logic level, and has very low on-resistance.
    It is qualified according to JEDEC for target applications and has excellent gate charge x RDS(on) product.
    The transistor is avalanche and dv/dt rated, with a maximum continuous drain current of 50A and a maximum drain-source breakdown voltage of 30V.
    It has a P-TDSON-8 package and is suitable for a variety of power applications.
    The datasheet also includes detailed electrical and thermal characteristics, as well as package outline and tape dimensions.

    Datasheet Summary with AI

    The BSC032N03S is an OptiMOS®2 Power-Transistor designed for fast switching in SMPS and optimized for notebook DC/DC converters.
    It is N-channel, logic level, and has very low on-resistance.
    It is qualified according to JEDEC for target applications and has excellent gate charge x RDS(on) product.
    The transistor is avalanche and dv/dt rated, with a maximum continuous drain current of 50A and a maximum drain-source breakdown voltage of 30V.
    It has a P-TDSON-8 package and is suitable for a variety of power applications.
    The datasheet also includes detailed electrical and thermal characteristics, as well as package outline and tape dimensions.

    Part No.BSC032N03S
    ManufacturerINFINEON
    Size301 Kbytes
    Pages10 pages
    DescriptionOptiMOS2 Power-Transistor
    Privacy Policy
    ALLDATASHEET.NET
    Does ALLDATASHEET help your business so far?  [ DONATE ] 

    About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com