| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about MCL103B_06 Datasheet
# Example questions:
➢ What is the typical reverse recovery time (trr) when the forward current is 200ma and the reverse current reduces from 200ma to 20ma?
➢ How does the thermal resistance (rtha) affect the power dissipation of these diodes?
➢ What is the maximum repetitive peak reverse voltage for the mcl103b diode?
# MCL103B, MCL103C - Surface Mount Small Signal Diodes
## General Characteristics
· Type: Surface Mount Small Signal Diodes
· Package: Glass case Quadro-MicroMELF (LS-31)
· Weight: Approximately 0.01 g
· Standard Packaging: Taped and reeled
## Electrical Characteristics
Maximum Ratings
· Repetitive Peak Reverse Voltage (VRRM): MCL103B: 30 V, MCL103C: 20 V
· Power Dissipation (Ptot): 400 mW (at TA = 25°C)
· Peak Forward Surge Current (IFSM): 15 A
· Junction Capacitance (Cj): Typical 50 pF (at VR = 0 V, f = 1 MHz)
· Reverse Recovery Time (trr): Typical 10 ns (IF = 200 mA to IR = 20 mA)
· Junction Temperature (Tj): -55°C to +175°C
· Storage Temperature (TS): -55°C to +175°C
· Thermal Resistance (RthA): < 300 K/W (when mounted on P.C. board with 3 mm² copper pad)
Operating Characteristics
· Forward Voltage (VF):
- IF = 20 mA: MCL103B: < 0.37 V, MCL103C: < 0.37V
- IF = 200 mA: MCL103B: < 0.6 V, MCL103C: < 0.6 V
· Leakage Current (IR):
- Tj = 25°C, VR = 20 V: MCL103B: 5 µA
- Tj = 25°C, VR = 10 V: MCL103C: 5 µA
# MCL103B, MCL103C - Surface Mount Small Signal Diodes
## General Characteristics
· Type: Surface Mount Small Signal Diodes
· Package: Glass case Quadro-MicroMELF (LS-31)
· Weight: Approximately 0.01 g
· Standard Packaging: Taped and reeled
## Electrical Characteristics
Maximum Ratings
· Repetitive Peak Reverse Voltage (VRRM): MCL103B: 30 V, MCL103C: 20 V
· Power Dissipation (Ptot): 400 mW (at TA = 25°C)
· Peak Forward Surge Current (IFSM): 15 A
· Junction Capacitance (Cj): Typical 50 pF (at VR = 0 V, f = 1 MHz)
· Reverse Recovery Time (trr): Typical 10 ns (IF = 200 mA to IR = 20 mA)
· Junction Temperature (Tj): -55°C to +175°C
· Storage Temperature (TS): -55°C to +175°C
· Thermal Resistance (RthA): < 300 K/W (when mounted on P.C. board with 3 mm² copper pad)
Operating Characteristics
· Forward Voltage (VF):
- IF = 20 mA: MCL103B: < 0.37 V, MCL103C: < 0.37V
- IF = 200 mA: MCL103B: < 0.6 V, MCL103C: < 0.6 V
· Leakage Current (IR):
- Tj = 25°C, VR = 20 V: MCL103B: 5 µA
- Tj = 25°C, VR = 10 V: MCL103C: 5 µA
| Part No. | MCL103B_06 |
| Manufacturer | DIOTEC |
| Size | 89 Kbytes |
| Pages | 1 page |
| Description | Surface Mount Small Signal Diodes |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |