| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about RGL34A Datasheet
# Example questions:
➢ How does the leakage current change when the ambient temperature increases from 25°c to 125°c, assuming the repetitive peak reverse voltage is applied?
➢ What is the maximum repetitive peak reverse voltage supported by the rgl 34g rectifier?
➢ What is the approximate weight of a single rgl 34a rectifier?
# RGL 34A – RGL 34M Fast Switching Rectifiers
## General Characteristics
️· Type: Fast switching silicon rectifiers for surface mount applications.
️· Nominal Current: 0.5 A
️· Repetitive Peak Reverse Voltage: 50 – 1000 V
️· Case: MiniMELF SOD-80 (DO-213AA)
️· Weight: Approx. 0.04 g
️· Material: Plastic with UL classification 94V-0
️· Packaging: Standard, taped and reeled (see page 18)
️· Marking:
- Red ring denotes cathode and fast switching rectifier family.
- Ring denotes repetitive peak reverse voltage.
## Maximum Ratings
️· RRM (Repetitive Peak Reverse Voltage): 50 – 1000 V (varies by type – see table)
️· VRSM (Surge Peak Reverse Voltage): 50 – 1000 V (varies by type – see table)
️· Max. Average Forward Rectified Current (R-load, T=75°C): 0.5 A
️· Peak Forward Surge Current (60 Hz half sine-wave, T=25°C): 10 A
️· Rating for fusing (t < 10 ms, T=25°C): 0.5 A
️· Operating Junction Temperature: -50°C to +150°C
️· Storage Temperature: -50°C to +175°C
| Type | RRM (V) | VRSM (V) | Color |
|---|---|---|---|
| RGL 34A | 50 | 50 | Gray |
| RGL 34B | 100 | 100 | Red |
| RGL 34D | 200 | 200 | Orange |
| RGL 34G | 400 | 400 | Yellow |
| RGL 34J | 600 | 600 | Green |
| RGL 34K | 800 | 800 | Blue |
| RGL 34M | 1000 | 1000 | Violet |
# RGL 34A – RGL 34M Fast Switching Rectifiers
## General Characteristics
️· Type: Fast switching silicon rectifiers for surface mount applications.
️· Nominal Current: 0.5 A
️· Repetitive Peak Reverse Voltage: 50 – 1000 V
️· Case: MiniMELF SOD-80 (DO-213AA)
️· Weight: Approx. 0.04 g
️· Material: Plastic with UL classification 94V-0
️· Packaging: Standard, taped and reeled (see page 18)
️· Marking:
- Red ring denotes cathode and fast switching rectifier family.
- Ring denotes repetitive peak reverse voltage.
## Maximum Ratings
️· RRM (Repetitive Peak Reverse Voltage): 50 – 1000 V (varies by type – see table)
️· VRSM (Surge Peak Reverse Voltage): 50 – 1000 V (varies by type – see table)
️· Max. Average Forward Rectified Current (R-load, T=75°C): 0.5 A
️· Peak Forward Surge Current (60 Hz half sine-wave, T=25°C): 10 A
️· Rating for fusing (t < 10 ms, T=25°C): 0.5 A
️· Operating Junction Temperature: -50°C to +150°C
️· Storage Temperature: -50°C to +175°C
| Type | RRM (V) | VRSM (V) | Color |
|---|---|---|---|
| RGL 34A | 50 | 50 | Gray |
| RGL 34B | 100 | 100 | Red |
| RGL 34D | 200 | 200 | Orange |
| RGL 34G | 400 | 400 | Yellow |
| RGL 34J | 600 | 600 | Green |
| RGL 34K | 800 | 800 | Blue |
| RGL 34M | 1000 | 1000 | Violet |
| Part No. | RGL34A |
| Manufacturer | DIOTEC |
| Size | 228 Kbytes |
| Pages | 2 pages |
| Description | Fast Switching Surface Mount Si-Rectifiers |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |