Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP28 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about BCP28 Datasheet

  • # Example questions: ➢ What is the maximum collector saturation voltage (vcesat) when the collector current (ic) is 100ma?
    ➢ What is the thermal resistance from junction to ambient air (rthja)?
    ➢ What is the typical gain-bandwidth product (ft) when vce = 5v and ic = 50ma?

  • Part No.BCP28
    ManufacturerDIOTEC
    Size269 Kbytes
    Pages2 pages
    DescriptionSurface mount Si-Epitaxial PlanarTransistors
    Datasheet Summary with AI

    # BCP 28/29, BCP 28/49 - Darlington Transistors Summary

    ## Device Overview

    These documents outline specifications and characteristics for the BCP 28 and BCP 29, and BCP 28/49 Darlington transistors. These are used in various applications.

    ## Electrical Characteristics

    ️· Maximum Ratings: Defined based on operating conditions.
    ️· DC Characteristics:
    - Collector Cutoff Current (ICBO): Ranges from 100nA, varying slightly with temperature.
    - Emitter-Base Cutoff Current (IEB0): Approximately 100nA.
    - Collector Saturation Voltage (VCEsat): Around 1V at specified collector and emitter currents.
    - Base-Emitter Saturation Voltage (VBEsat): Approximately 1.5V.
    - DC Current Gain (hFE): Varies significantly, ranging from 4000 to 20000, depending on collector current.
    ️· Frequency Characteristics:
    - Transition Frequency (fT): Around 200 MHz, dependent on collector current.
    - Collector-Base Capacitance (CCB0): Approximately 8 pF.
    ️· Thermal Resistance
    * Junction to Ambient (RthA): 93 K/W

    * Junction to Soldering Point (RthS): 17 K/W

    ## Operational Notes

    ️· For accurate performance, devices should be mounted on a printed circuit board with a 3mm copper pad for heat dissipation.
    ️· The tests use pulses of 300us with a duty cycle of 2% for certain test conditions

    ## Recommended Complementary Transistors

    ️· BCP 29 - Complementary to BCP 28
    ️· BCP 49 - Complementary to BCP 28

    # BCP 28/29, BCP 28/49 - Darlington Transistors Summary

    ## Device Overview

    These documents outline specifications and characteristics for the BCP 28 and BCP 29, and BCP 28/49 Darlington transistors. These are used in various applications.

    ## Electrical Characteristics

    ️· Maximum Ratings: Defined based on operating conditions.
    ️· DC Characteristics:
    - Collector Cutoff Current (ICBO): Ranges from 100nA, varying slightly with temperature.
    - Emitter-Base Cutoff Current (IEB0): Approximately 100nA.
    - Collector Saturation Voltage (VCEsat): Around 1V at specified collector and emitter currents.
    - Base-Emitter Saturation Voltage (VBEsat): Approximately 1.5V.
    - DC Current Gain (hFE): Varies significantly, ranging from 4000 to 20000, depending on collector current.
    ️· Frequency Characteristics:
    - Transition Frequency (fT): Around 200 MHz, dependent on collector current.
    - Collector-Base Capacitance (CCB0): Approximately 8 pF.
    ️· Thermal Resistance
    * Junction to Ambient (RthA): 93 K/W
    * Junction to Soldering Point (RthS): 17 K/W

    ## Operational Notes

    ️· For accurate performance, devices should be mounted on a printed circuit board with a 3mm copper pad for heat dissipation.
    ️· The tests use pulses of 300us with a duty cycle of 2% for certain test conditions

    ## Recommended Complementary Transistors

    ️· BCP 29 - Complementary to BCP 28
    ️· BCP 49 - Complementary to BCP 28

    Part No.BCP28
    ManufacturerDIOTEC
    Size269 Kbytes
    Pages2 pages
    DescriptionSurface mount Si-Epitaxial PlanarTransistors