| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about CLC404ALC Datasheet
# Example questions:
➢ What is the large signal bandwidth of the clc404 if the input voltage is 5v peak-to-peak?
➢ Which package types are available for the clc404, and what is the thermal resistance (θja) for the ajp and aje packages?
➢ What is the maximum slew rate the clc404 can achieve, and in what units is it measured?
# CLC404 Wideband, High-Slew Rate, Monolithic Op Amp
## General Description
️· Versions:
- CLC404AJP: -40°C to +85°C, 8-pin plastic DIP
- CLC404AJE: -40°C to +85°C, 8-pin plastic SOIC
- CLC404ALC: -40°C to +85°C dice (MIL-STD-883, Level B qualified)
- CLC404AJM5: -40°C to +85°C, 5-pin SOT
️· SMD Number: 5962-90994
️· Transistor count: 28
️· ESD rating: 2600V/µs
## Features
️· Large signal bandwidth: 165 MHz (at 5 Vpp)
️· Slew rate: 2600 V/µs
️· Power consumption: 110 mW
️· Distortion: -53 dBc at 20 MHz
️· Settling time: 10 ns to 0.2%
️· Differential gain: 0.07%
️· Differential phase: 0.03%
## Applications
️· Fast A/D conversion
️· Line drivers
️· Video distribution
️· High-speed communications
️· Radar and IF processors
## Electrical Characteristics
️· Test Conditions: Av = +6, VCC = ±5V, Rg & Rl = 100Ω, Rf = 500Ω (unless specified)
️· Absolute Maximum Ratings (θJC and θJA values provided)
## Typical Performance Characteristics
️· Graphical representations of performance metrics vs. varying conditions, including frequency, gain, and output voltage.
️· Values of Rf=68, 499 and 301
## Support and Contact
️· Customer Support: 1-800-272-9959, 1-800-737-7018 (fax)
️· National Semiconductor Locations: Europe, Hong Kong, Japan.
# CLC404 Wideband, High-Slew Rate, Monolithic Op Amp
## General Description
️· Versions:
- CLC404AJP: -40°C to +85°C, 8-pin plastic DIP
- CLC404AJE: -40°C to +85°C, 8-pin plastic SOIC
- CLC404ALC: -40°C to +85°C dice (MIL-STD-883, Level B qualified)
- CLC404AJM5: -40°C to +85°C, 5-pin SOT
️· SMD Number: 5962-90994
️· Transistor count: 28
️· ESD rating: 2600V/µs
## Features
️· Large signal bandwidth: 165 MHz (at 5 Vpp)
️· Slew rate: 2600 V/µs
️· Power consumption: 110 mW
️· Distortion: -53 dBc at 20 MHz
️· Settling time: 10 ns to 0.2%
️· Differential gain: 0.07%
️· Differential phase: 0.03%
## Applications
️· Fast A/D conversion
️· Line drivers
️· Video distribution
️· High-speed communications
️· Radar and IF processors
## Electrical Characteristics
️· Test Conditions: Av = +6, VCC = ±5V, Rg & Rl = 100Ω, Rf = 500Ω (unless specified)
️· Absolute Maximum Ratings (θJC and θJA values provided)
## Typical Performance Characteristics
️· Graphical representations of performance metrics vs. varying conditions, including frequency, gain, and output voltage.
️· Values of Rf=68, 499 and 301
## Support and Contact
️· Customer Support: 1-800-272-9959, 1-800-737-7018 (fax)
️· National Semiconductor Locations: Europe, Hong Kong, Japan.
| Part No. | CLC404ALC |
| Manufacturer | NSC |
| Size | 374 Kbytes |
| Pages | 6 pages |
| Description | Wideband, High-Slew Rate, Monolithic Op Amp |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |