Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

12N45 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about 12N45 Datasheet

  • # Example questions: ➢ How does the drain-source on-resistance (rds(on)) change with a gate-source voltage of 10v and a drain current of 6a?
    ➢ What is the range of acceptable storage temperatures for this n-channel mosfet transistor?
    ➢ What is the maximum allowable drain current under continuous operating conditions?

  • Part No.12N45
    ManufacturerISC
    Size77 Kbytes
    Pages2 pages
    DescriptionFast Switching
    Datasheet Summary with AI

    # isc N-Channel MOSFET Transistor 12N45

    ## Features

    · Drain Current: 12A @ TC=25°C
    · Drain Source Voltage: V DSS = 450V (Min)
    · Static Drain-Source On-Resistance: R DS(on) = 0.5Ω (Max)
    · Fast Switching

    ## Applications

    · Switch mode power supply
    · DC-DC converters
    · AC motor control

    ## Absolute Maximum Ratings (Ta=25°C)

    SYMBOL PARAMETER VALUE UNIT
    VDSS Drain-Source Voltage 450 V
    VGS Gate-Source Voltage-Continuous ±30 V
    ID Drain Current-Continuous 12 A
    IDM Drain Current-Single Plused 48 A
    PD Total Dissipation @TC=25℃ 150 W
    Tj Max. Operating Junction Temperature 150
    Tstg Storage Temperature -55~150

    ## Electrical Characteristics (TC=25°C unless otherwise specified)

    SYMBOL PARAMETER CONDITIONS MIN TYPE MAX UNIT
    V(BR)DSS Drain-Source Breakdown Voltage VGS= 0; ID=250µA 450 V
    VGS(th) Gate Threshold Voltage VDS= VGS; ID=250µA 2.0 4.0 V
    VSD Diode Forward On-voltage IS= 12A ;VGS= 0 1.5 V
    RDS(on) Drain-Source On-Resistance VGS= 10V; ID= 6A 0.5 Ω
    IGSS Gate-Body Leakage Current VGS= ±20V;VDS= 0 ±100 nA
    IDSS Zero Gate Voltage Drain Current VDS=360V; VGS= 0 200 µA
    Ciss Input Capacitance VDS=25V; VGS=0V; fT=1MHz 2700 pF
    Crss Reverse Transfer capacitance 80
    Coss Output Capacitance 290
    tr Rise Time VGS=10V; ID=6.0A; VDD=225V; RGS=5Ω 25 50 ns
    td(on) Turn-on Delay Time 20 35 ns
    tf Fall Time 30 60 ns
    td(off) Turn-off Delay Time 70 100 ns

    ## Website

    · www.iscsemi.cn

    # isc N-Channel MOSFET Transistor 12N45

    ## Features

    · Drain Current: 12A @ TC=25°C
    · Drain Source Voltage: V DSS = 450V (Min)
    · Static Drain-Source On-Resistance: R DS(on) = 0.5Ω (Max)
    · Fast Switching

    ## Applications

    · Switch mode power supply
    · DC-DC converters
    · AC motor control

    ## Absolute Maximum Ratings (Ta=25°C)

    SYMBOL PARAMETER VALUE UNIT
    VDSS Drain-Source Voltage 450 V
    VGS Gate-Source Voltage-Continuous ±30 V
    ID Drain Current-Continuous 12 A
    IDM Drain Current-Single Plused 48 A
    PD Total Dissipation @TC=25℃ 150 W
    Tj Max. Operating Junction Temperature 150
    Tstg Storage Temperature -55~150

    ## Electrical Characteristics (TC=25°C unless otherwise specified)

    SYMBOL PARAMETER CONDITIONS MIN TYPE MAX UNIT
    V(BR)DSS Drain-Source Breakdown Voltage VGS= 0; ID=250µA 450 V
    VGS(th) Gate Threshold Voltage VDS= VGS; ID=250µA 2.0 4.0 V
    VSD Diode Forward On-voltage IS= 12A ;VGS= 0 1.5 V
    RDS(on) Drain-Source On-Resistance VGS= 10V; ID= 6A 0.5 Ω
    IGSS Gate-Body Leakage Current VGS= ±20V;VDS= 0 ±100 nA
    IDSS Zero Gate Voltage Drain Current VDS=360V; VGS= 0 200 µA
    Ciss Input Capacitance VDS=25V; VGS=0V; fT=1MHz 2700 pF
    Crss Reverse Transfer capacitance 80
    Coss Output Capacitance 290
    tr Rise Time VGS=10V; ID=6.0A; VDD=225V; RGS=5Ω 25 50 ns
    td(on) Turn-on Delay Time 20 35 ns
    tf Fall Time 30 60 ns
    td(off) Turn-off Delay Time 70 100 ns

    ## Website

    · www.iscsemi.cn

    Part No.12N45
    ManufacturerISC
    Size77 Kbytes
    Pages2 pages
    DescriptionFast Switching